Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV12816DBLL-10BI Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61WV12816DBLL-10BI
Description  128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV12816DBLL-10BI Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

Back Button IS61WV12816DBLL-10BI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61WV12816DBLL-10BI Datasheet HTML 12Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
05/01/08
IS61WV12816DALL/DALS, IS61WV12816DBLL/DBLS,
IS64WV12816DBLL/DBLS
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-25
-35
-45
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
VDD Dynamic Operating
VDD = Max.,
Com.
20
20
18
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
25
25
20
CE
= VIL
Auto.
40
35
30
VIN
≥ VDD – 0.3V, or
typ.(2)
18
VIN
≤ 0.4V
ICC1
Operating
VDD = Max.,
Com.
2
2
2
mA
Supply Current
IOUT = 0 mA, f = 0
Ind.
2
2
2
CE
= VIL
Auto.
2
2
2
VIN
≥ VDD – 0.3V, or
VIN
≤ 0.4V
ISB2
CMOS Standby
VDD = Max.,
Com.
40
40
40
μA
Current (CMOS Inputs)
CE
≥ VDD – 0.2V,
Ind.
50
50
50
VIN
≥ VDD – 0.2V, or
Auto.
75
75
75
VIN
≤ 0.2V, f = 0
typ.(2)
4
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
2. Typical values are measured at VDD = 3.0V, TA = 25oC and not 100% tested.
OPERATING RANGE (VDD) (IS61WV12816DBLS)
Range
Ambient Temperature
VDD (35 nS)
Commercial
0°C to +70°C
2.4V-3.6V
Industrial
–40°C to +85°C
2.4V-3.6V
LOW POWER (IS61WV12816DALS/DBLS)
OPERATING RANGE (VDD) (IS61WV12816DALS)
Range
Ambient Temperature
VDD
Speed
Commercial
0°C to +70°C
1.65V-2.2V
45ns
Industrial
–40°C to +85°C
1.65V-2.2V
45ns
Automotive
–40°C to +125°C
1.65V-2.2V
55ns
OPERATING RANGE (VDD) (IS64WV12816DBLS)
Range
Ambient Temperature
VDD (35 nS)
Automotive
–40°C to +125°C
2.4V-3.6V


Similar Part No. - IS61WV12816DBLL-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816DBLL/DBLS ISSI-IS61WV12816DBLL/DBLS Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV12816DBLL-10BI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV12816DALL ISSI-IS61WV12816DALL_11 Datasheet
201Kb / 21P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV12816BLL ISSI-IS61WV12816BLL Datasheet
120Kb / 5P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C12816 ISSI-IS61C12816 Datasheet
102Kb / 8P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W26020A WINBOND-W26020A Datasheet
126Kb / 10P
   128K X 16 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61LV12816 ICSI-IS61LV12816 Datasheet
146Kb / 11P
   128K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416DALL ISSI-IS61WV6416DALL Datasheet
783Kb / 21P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV3216DALL ISSI-IS61WV3216DALL Datasheet
678Kb / 20P
   32K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com