Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC15120P Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNC15120P
Description  One Channel Speech Controller OTP
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC15120P Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNC15120P Datasheet HTML 3Page - SONiX Technology Company SNC15120P Datasheet HTML 4Page - SONiX Technology Company SNC15120P Datasheet HTML 5Page - SONiX Technology Company SNC15120P Datasheet HTML 6Page - SONiX Technology Company SNC15120P Datasheet HTML 7Page - SONiX Technology Company SNC15120P Datasheet HTML 8Page - SONiX Technology Company SNC15120P Datasheet HTML 9Page - SONiX Technology Company SNC15120P Datasheet HTML 10Page - SONiX Technology Company SNC15120P Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SNC15120P
One Channel Speech Controller OTP
V1.2
Nov 18, 2008
9
8. APPLICATION Circuit
8.1 General application
1. It is suggested to add a capacitor (C1), 104, between VDD with GND to keep
power stable with general application. And this capacitor is strongly
suggested to be as close to the chip as possible.
2. It is suggested that VDD = 2.4V~3.6V


Similar Part No. - SNC15120P

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC15120 SONIX-SNC15120 Datasheet
212Kb / 10P
   One Channel Speech Controller
More results

Similar Description - SNC15120P

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com