Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SNC26300 Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNC26300
Description  One Channel Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26300 Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNC26300 Datasheet HTML 3Page - SONiX Technology Company SNC26300 Datasheet HTML 4Page - SONiX Technology Company SNC26300 Datasheet HTML 5Page - SONiX Technology Company SNC26300 Datasheet HTML 6Page - SONiX Technology Company SNC26300 Datasheet HTML 7Page - SONiX Technology Company SNC26300 Datasheet HTML 8Page - SONiX Technology Company SNC26300 Datasheet HTML 9Page - SONiX Technology Company SNC26300 Datasheet HTML 10Page - SONiX Technology Company SNC26300 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SNC26300
One Channel Speech Controller
Ver: 1.7
October 14, 2009
7
5.7 PWM Output
An PWM circuit is built-in SNC26300. The maximum resolution of PWM is 8 bits.
Two huge output stage circuits are designed in SNC26300. With this advanced
circuit, the chip is capable of driving speaker directly without external transistors.
BUO1
BUO2
PWM Output
5.8 Watch Dog Timer
SNC26300 built an internal WDT (Watch Dog Timer). This Watchdog timer would
issue resets signal to this chip if it is not cleared before reaching terminal count (128
ms). The watchdog timer is enabled at reset and cannot be disabled.
5.9 IR Function
P23 can be modulated with 38.5KHz square wave before sent out to P23 pin.
The IR signal can be achieved by this modulated signal.
5.10
PWM IO control
SNC26300 has support 8 PWM IO (P20~P23, P30~P33). Each I/O has 8 bit
independent duty register, and the 8 bit register are compare with 8 bits counter. If set
use PWM IO function and internal counter start at 000H, the mapping I/O will set High.
The 8 bits counter increment if the same duty register, that will reset the mapping IO
pin.
6. ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC


Similar Part No. - SNC26300

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC26340 SONIX-SNC26340 Datasheet
148Kb / 11P
   One Channel Speech Controller
More results

Similar Description - SNC26300

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com