Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53508 Datasheet(PDF) 3 Page - Micropac Industries

Part # 53508
Description  SOLID STATE POWER CONTROLLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53508 Datasheet(HTML) 3 Page - Micropac Industries

  53508 Datasheet HTML 1Page - Micropac Industries 53508 Datasheet HTML 2Page - Micropac Industries 53508 Datasheet HTML 3Page - Micropac Industries 53508 Datasheet HTML 4Page - Micropac Industries 53508 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
53508 Series
Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/30/06 Rev B
Pg. 3 of 5
TRIP PROFILE
0
100
200
300
400
500
600
700
0.01
0.1
1
10
100
TIME (SEC)
ALWAYS TRIP
NEVER TRIP
TRIP PROFILE
The Trip Profile is a combination of 2 separate functions; the I²t Circuit protection and the Short
Circuit protection. The I²t Circuit protection continuously monitors the Load Current and when the Load
Current exceeds a preset limit (110 to 120% of rating) the Time-Integral of the difference determines the
Trip time as indicated by the curved line on the chart (Typical Turn-off time is <1uS).
The Short Circuit protection continuously monitors the Load Current and when the Load Current
exceeds a preset limit (600% of Rating) it immediately shuts down the SSPC (Typical response time is <
50uS, Typical Turn-off time is <1uS).
Trip Profile External Trim
The Trip Profile is externally Programmable by connecting the proper resistance between Pins 12 and 13
(Trip Set - and Trip Set +). The following formula dictates the Profile setting:
Rext = ( 7 * Xprog / (1 – Xprog)) – 3
Where Xprog is the ratio of the desired trip point to the device rating. (0.3 < Xprog < 1)
Rext is in KOhms. Table 1 provides typical solutions for Rext.


Similar Part No. - 53508

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
logo
Visual Communications C...
5350 VCC-5350 Datasheet
82Kb / 1P
   T3/4 Right Angle LED Assembly
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
   LATCHING SOLID STATE POWER CONTROLLER
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
Tyco Electronics
535056-5 MACOM-535056-5 Datasheet
184Kb / 1P
   ASSEMBLY, RECEPTACLE EUROCARD, TOOLSESS PRESSFIT, 96 POSITION WITHOUT MOUNTING EARS
More results

Similar Description - 53508

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53514 MICROPAC-53514 Datasheet
104Kb / 7P
   SOLID STATE POWER CONTROLLERS
53506 MICROPAC-53506 Datasheet
199Kb / 8P
   SOLID STATE POWER CONTROLLERS
53509 MICROPAC-53509 Datasheet
175Kb / 5P
   SOLID STATE POWER CONTROLLERS
53217 MICROPAC-53217 Datasheet
123Kb / 6P
   SPST SOLID-STATE POWER CONTROLLERS
logo
Toshiba Semiconductor
TLP3902 TOSHIBA-TLP3902 Datasheet
189Kb / 6P
   SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
logo
Sensitron
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
   DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
122908 SENSITRON-122908 Datasheet
126Kb / 4P
   DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
SPDM16C11 SENSITRON-SPDM16C11 Datasheet
126Kb / 4P
   DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
PB5038 SENSITRON-PB5038 Datasheet
370Kb / 4P
   COBRA Series Programmable Multi-Channel Solid State Power Controllers
logo
Toshiba Semiconductor
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com