Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53508-102 Datasheet(PDF) 2 Page - Micropac Industries

Part # 53508-102
Description  SOLID STATE POWER CONTROLLERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53508-102 Datasheet(HTML) 2 Page - Micropac Industries

  53508-102 Datasheet HTML 1Page - Micropac Industries 53508-102 Datasheet HTML 2Page - Micropac Industries 53508-102 Datasheet HTML 3Page - Micropac Industries 53508-102 Datasheet HTML 4Page - Micropac Industries 53508-102 Datasheet HTML 5Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
53508 Series
Solid State Power Controllers
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: microsales@micropac.com
11/30/06 Rev B
Pg. 2 of 5
This device is available unscreened (for engineering use) or environmentally screened to H level plus PIND in accordance
with Table C-IX of MIL-PRF-38534.
53508
ELECTRICAL CHARACTERISTICS
TA = -55 to 125° C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input characteristics
Bias supply range
4.75
5.0
5.25
VDC
Bias current
25
35
mA
Input Current (Control)
32 VDC Input
6
m
A
Input Current (Control)
5 VDC Input
2
µA
Control voltage range
-0.5
5
32.0
VDC
Turn-on voltage
See Notes 1 & 2
2.4
2.8
VDC
Turn-off voltage
See Notes 1 & 2
1.9
2.2
VDC
Dielectric strength
Input /Output / Power Bus/ Case
1000
VDC
Output characteristics
Output current, Continuous
Steady State Load Current
110
120
% of Rating
Output Current, Trip Point
500% of Rating
100
mS
Output Current, Trip Point
600% of Rating
50
100
µS
Steady State Current Adjustment Range:
30
100
% of Rating
Transient Voltage
Output Device Rating
550
VDC
Forward Voltage Drop
10A Load Current @ 25°C
0.85
VDC
Forward Voltage Drop
10A Load Current @ 125°C
1.7
VDC
Turn-on time @ 25ºC case
270VDC, 10A
400
500
600
µS
Turn-off time @ 25ºC case
270VDC, 10A
50
100
µS
Off-State Leakage
Vds = 550V, Tc = 25°C
250
µA
Off-State Leakage
Vds = 440V, Tc = 125°C
1000
µA
Total Device Power Dissipation (Tpd)
Iload = 10A. Ta = 25°C
11.5
W
Junction temperature
150
ºC
Thermal resistance, θJC
2.0
ºC/W
NOTES:
1. Maximum input switching frequency not to exceed 1 Hz under normal conditions, or into a shorted output.
2. Input transitions must be “bounceless contact” with transitions of <1 ms.
3. Devices are electrically tested at -55
°C, +25°C and +125°C with no environmental screening or qualification.
4. Fully compliant Class H or Class K devices will require Element Evaluation and QCI.


Similar Part No. - 53508-102

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
logo
Visual Communications C...
5350 VCC-5350 Datasheet
82Kb / 1P
   T3/4 Right Angle LED Assembly
logo
Micropac Industries
53502 MICROPAC-53502 Datasheet
203Kb / 9P
   LATCHING SOLID STATE POWER CONTROLLER
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
Tyco Electronics
535056-5 MACOM-535056-5 Datasheet
184Kb / 1P
   ASSEMBLY, RECEPTACLE EUROCARD, TOOLSESS PRESSFIT, 96 POSITION WITHOUT MOUNTING EARS
More results

Similar Description - 53508-102

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53514 MICROPAC-53514 Datasheet
104Kb / 7P
   SOLID STATE POWER CONTROLLERS
53506 MICROPAC-53506 Datasheet
199Kb / 8P
   SOLID STATE POWER CONTROLLERS
53509 MICROPAC-53509 Datasheet
175Kb / 5P
   SOLID STATE POWER CONTROLLERS
53217 MICROPAC-53217 Datasheet
123Kb / 6P
   SPST SOLID-STATE POWER CONTROLLERS
logo
Toshiba Semiconductor
TLP3902 TOSHIBA-TLP3902 Datasheet
189Kb / 6P
   SOLID STATE RELAY PROGRAMMABLE CONTROLLERS
logo
Sensitron
PB5114 SENSITRON-PB5114 Datasheet
126Kb / 4P
   DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
122908 SENSITRON-122908 Datasheet
126Kb / 4P
   DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
SPDM16C11 SENSITRON-SPDM16C11 Datasheet
126Kb / 4P
   DIAMONDBACK Series Programmable Multi-Channel Solid State Power Controllers
PB5038 SENSITRON-PB5038 Datasheet
370Kb / 4P
   COBRA Series Programmable Multi-Channel Solid State Power Controllers
logo
Toshiba Semiconductor
TLP541G TOSHIBA-TLP541G Datasheet
536Kb / 6P
   Programmable Controllers AC.Output Module Solid State Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com