Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1468CS8-2TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1468CS8-2TRPBF
Description  16-Bit DAC Current-to-Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468CS8-2TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1468CS8-2TRPBF Datasheet HTML 3Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 4Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 5Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 6Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 7Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 8Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 9Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 10Page - Linear Technology LT1468CS8-2TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1468-2
7
14682fa
TYPICAL PERFORMANCE CHARACTERISTICS
Undistorted Output Swing
vs Frequency, VS = ±15V
Output Impedance vs Frequency
Undistorted Output Swing
vs Frequency, VS = ±5V
Large-Signal Transient, AV = –1
Small-Signal Transient, AV = –1
Open-Loop Gain and Phase
vs Frequency
Gain vs Frequency, AV = –1
FREQUENCY (Hz)
0
10
20
30
40
50
60
10k
1M
10M
100M
14682 G13
–10
100k
70
–40
–20
0
20
40
60
80
–60
100
TA = 25°C
AV = –1
RF = RG = 5.1k
CF = 5pF
RL = 2k
PHASE
GAIN
FREQUENCY (Hz)
14682 G14
6
0
1
2
3
4
5
–4
–3
–2
–1
–5
100k
10M
100M
1M
CL = 100pF
CL = 47pF
CL = 22pF
NO CL
TA = 25°C
AV = –1
RF = RG = 2k
CF = 6.8pF
RL = 500Ω
FREQUENCY (Hz)
0.01
0.1
1
10
10k
1M
10M
100M
14682 G15
0.001
100k
100
VS = ±15V
TA = 25°C
AV = 100
AV = 10
AV = –1
FREQUENCY (kHz)
14682 G16
30
5
10
15
20
25
0
1
100
1000
10
VS = ±15V
TA = 25°C
RL = 2k
THD<1%
AV = –1
FREQUENCY (kHz)
14682 G17
10
5
4
3
2
1
6
7
8
9
0
1
100
1000 2000
10
VS = ±5V
TA = 25°C
RL = 2k
THD<1%
AV = –1
50ns/DIV
14682 G20
VS = ±15V
20mV/DIV
200ns/DIV
14682 G21
VS = ±15V
AV = –1
RF = RG = 2k
CL = 22pF
2V/DIV
10V
0V
Settling Time vs Output Step
SETTLING TIME (ns)
0
10
8
4
0
–4
–8
6
2
–2
–6
–10
400
800
200
600
14682 G18
1000
300
700
100
500
900
VS = ±15V
TA = 25°C
RF = RG = 2.5k
RL = 5k
CF = 8pF
AV = –1
0.1%
0.01%
150μV
0.01%
0.1%
150μV
Settling Time vs Output Step
SETTLING TIME (ns)
0
10
8
4
0
–4
–8
6
2
–2
–6
–10
400
800
200
600
14682 G19
1000
300
700
100
500
900
VS = ±15V
TA = 25°C
RF = RG = 1k
RL = 5k INTO DIODES
CF = 22pF
AV = 2
RL = 511Ω/30pF
0.01%
0.01%


Similar Part No. - LT1468CS8-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468CS8-2-PBF LINER-LT1468CS8-2-PBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468CS8-2-TRPBF LINER-LT1468CS8-2-TRPBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
More results

Similar Description - LT1468CS8-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Analog Devices
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com