Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3743EUFDTRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3743EUFDTRPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EUFDTRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3743EUFDTRPBF Datasheet HTML 6Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 7Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 8Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 9Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 10Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 11Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 12Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 13Page - Linear Technology LT3743EUFDTRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3743
10
3743f
PWMGL (Pin 22/Pin 23): The PWMGL output pin drives
the gate of an external FET to connect one of the switch-
ing regulator output capacitors to the load. The output
impedance is approximately 2.5Ω.
HG (Pin 23/Pin 24): HG is the top FET gate drive signal
that controls the state of the high side external power FET.
The driver impedance is 2.5Ω.
SW (Pin 24/Pin 25): The SW pin is used internally as the
lower rail for the floating high side driver. Externally, this
node connects the two power FETs and the inductor.
CBOOT (Pin 25/Pin 26): The CBOOT pin provides a float-
ing 5V regulated supply for the high side FET driver. An
external Schottky diode is required from the VCC_INT pin
to the CBOOT pin to charge the CBOOT capacitor when the
switch pin is near ground.
PIN FUNCTIONS (QFN/TSSOP)
LG (Pin 26/Pin 28): LG is the bottom FET gate drive signal
that controls the state of the low side external power FET.
The driver impedance is 2.5Ω.
VCC_INT (Pin 27/Pin 1): A regulated 5V output for charging
the CBOOT capacitor. VCC_INT also provides the power for
the digital and switching subcircuits. Below 6V VIN, tie
this pin to the rail. VCC_INT is current limited to ≈50mA.
Shutdown operation disables the output voltage drive.
VIN (Pin 28/Pin 3): Input Supply Pin. Must be locally
bypassed with a 1μF low ESR capacitor to ground.


Similar Part No. - LT3743EUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743EUFDTRPBF LINER-LT3743EUFDTRPBF Datasheet
403Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
More results

Similar Description - LT3743EUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743 LINER-LT3743_15 Datasheet
532Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3743 LINER-LT3743_10 Datasheet
403Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
   High Current Synchronous Step-Down LED Driver
LT3744 LINER-LT3744_15 Datasheet
813Kb / 32P
   High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
   Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
   Three-function switch step-down LED constant current driver
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
   Step-down high-power constant-current three-function LED driver IC
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com