Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3743EFETRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3743EFETRPBF
Description  High Current Synchronous Step-Down LED Driver with Three-State Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3743EFETRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3743EFETRPBF Datasheet HTML 7Page - Linear Technology LT3743EFETRPBF Datasheet HTML 8Page - Linear Technology LT3743EFETRPBF Datasheet HTML 9Page - Linear Technology LT3743EFETRPBF Datasheet HTML 10Page - Linear Technology LT3743EFETRPBF Datasheet HTML 11Page - Linear Technology LT3743EFETRPBF Datasheet HTML 12Page - Linear Technology LT3743EFETRPBF Datasheet HTML 13Page - Linear Technology LT3743EFETRPBF Datasheet HTML 14Page - Linear Technology LT3743EFETRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT3743
11
3743f
BLOCK DIAGRAM
PWM
COMPARATOR
HIGH SIDE
DRIVER
CBOOT
HG
SW
LG
3k
LOW SIDE
DRIVER
RQ
S
gm AMP
gm = 450μA/V
RO = 4M
IOUT = 40μA
OSCILLATOR
2V REFERENCE
5.5μA
90k
1.5V
CURRENT
MIRROR
SYNC
RT
16
CTRL_H
6
CTRL_L
CTRL BUFFER
VOLTAGE
REGULATOR
AMP
OPEN-LED
COMPARATOR
7
SS
8
VCL
13
VCH
14
CTRL_SEL
17
PWM
18
CTRL_T
4
VREF
3
EN/UVLO
VIN
2
25
VCC_INT
27
VIN
28
23
24
26
SENSE+
15
SYNCRONOUS
CONTROLLER
INTERNAL
REGUALTOR
AND
UVLO
2nF
100nF
9nF
40μF
0.1μF
1mF
1mF
10A LED
2.2μH
RS
5mΩ
VOUT
10μF
VIN
SYNC
402k
133k
82.5k
+
11
SENSE
12
FB
10
PWMGL
10k
1V
1.3V
2.5Ω
2.5Ω
40.2k
34k
9nF
34k
22
PWMGH
3743 F01
19
Figure 1. Block Diagram
(QFN Package)


Similar Part No. - LT3743EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743EFETRPBF LINER-LT3743EFETRPBF Datasheet
403Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
More results

Similar Description - LT3743EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3743 LINER-LT3743_15 Datasheet
532Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3743 LINER-LT3743_10 Datasheet
403Kb / 28P
   High Current Synchronous Step-Down LED Driver with Three-State Control
LT3744 LINER-LT3744 Datasheet
277Kb / 6P
   High Current Synchronous Step-Down LED Driver
LT3744 LINER-LT3744_15 Datasheet
813Kb / 32P
   High Current Synchronous Step-Down LED Driver
logo
Shenzhen Huazhimei Semi...
HM6105 HMSEMI-HM6105 Datasheet
508Kb / 7P
   Three-function switch step-down LED constant current driver
HM6105A HMSEMI-HM6105A Datasheet
581Kb / 7P
   Three-function switch step-down LED constant current driver
HM6109 HMSEMI-HM6109 Datasheet
793Kb / 7P
   Step-down high-power constant-current three-function LED driver IC
HM6103 HMSEMI-HM6103 Datasheet
349Kb / 8P
   step-down high-power LED constant current driver
logo
Linear Technology
LT3763 LINER-LT3763_15 Datasheet
345Kb / 30P
   60V High Current Step-Down LED Driver Controller
LT3932 LINER-LT3932 Datasheet
1Mb / 30P
   36V, 2A Synchronous Step-Down LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com