Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1498CN8 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1498CN8
Description  Driving A-to-D Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1498CN8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1498CN8 Datasheet HTML 4Page - Linear Technology LT1498CN8 Datasheet HTML 5Page - Linear Technology LT1498CN8 Datasheet HTML 6Page - Linear Technology LT1498CN8 Datasheet HTML 7Page - Linear Technology LT1498CN8 Datasheet HTML 8Page - Linear Technology LT1498CN8 Datasheet HTML 9Page - Linear Technology LT1498CN8 Datasheet HTML 10Page - Linear Technology LT1498CN8 Datasheet HTML 11Page - Linear Technology LT1498CN8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT1498/LT1499
14989fe
8
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the temperature range
–40°C < TA < 85°C. VS = ±15V, VCM = 0V, VOUT = 0V, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V+ 0.1V
l
l
300
300
950
950
μV
μV
VOS TC
Input Offset Voltage Drift (Note 3)
VCM = V+
l
l
1.0
2.0
3.5
5.0
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = V+ 0.1V to V+
l
250
850
μV
Input Offset Voltage Match (Channel-to-Channel) VCM = V+ 0.1V, V+ (Note 5)
l
350
1800
μV
IB
Input Bias Current
VCM = V+
VCM = V+ 0.1V
l
l
0
–1050
350
–350
1050
0
nA
nA
ΔIB
Input Bias Current Shift
VCM = V+ 0.1V to V+
l
700
2100
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 5)
VCM = V+ 0.1V (Note 5)
l
l
0
–200
20
–20
200
0
nA
nA
IOS
Input Offset Current
VCM = V+
VCM = V+ 0.1V
l
l
15
15
115
115
nA
nA
ΔIOS
Input Offset Current Shift
VCM = V+ 0.1V to V+
l
30
230
nA
AVOL
Large-Signal Voltage Gain
VO = –14.5V to 14.5V, RL = 10k
VO = –10V to 10V, RL = 2k
l
l
800
350
5000
2000
V/mV
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
l
110
120
dB
CMRR
Common Mode Rejection Ratio
VCM = V+ 0.1V to V+
l
90
101
dB
CMRR Match (Channel-to-Channel) (Note 5)
VCM = V+ 0.1V to V+
l
86
100
dB
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
l
88
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = ±5V to ±15V
l
82
100
dB
VOL
Output Voltage Swing (Low) (Note 6)
No Load
ISINK = 0.5mA
ISINK = 10mA
l
l
l
25
50
275
50
100
520
mV
mV
mV
VOH
Output Voltage Swing (High) (Note 6)
No Load
ISOURCE = 0.5mA
ISOURCE = 10mA
l
l
l
3.5
65
500
15
120
1000
mV
mV
mV
ISC
Short-Circuit Current
l
±10
±18
mA
IS
Supply Current per Amplifier
l
2.0
3.0
mA
GBW
Gain-Bandwidth Product (Note 7)
l
5.8
8.5
MHz
SR
Slew Rate
AV = –1, RL = Open, VO = ±10V
Measure at VO = ±5V
l
3
4.75
V/μs


Similar Part No. - LT1498CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1498CN8 LINER-LT1498CN8 Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results

Similar Description - LT1498CN8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
DATEL, Inc.
ADS-919MM-QL DATEL-ADS-919MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-926MC-C DATEL-ADS-926MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-926MM-QL-C DATEL-ADS-926MM-QL-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930MC-C DATEL-ADS-930MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-942AME DATEL-ADS-942AME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-942MC-C DATEL-ADS-942MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943-C883 DATEL-ADS-943-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943GC DATEL-ADS-943GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-930-C883 DATEL-ADS-930-C883 Datasheet
107Kb / 1P
   Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com