Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3855IFETRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3855IFETRPBF
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855IFETRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3855IFETRPBF Datasheet HTML 1Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 2Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 3Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 4Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 5Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 6Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 7Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 8Page - Linear Technology LTC3855IFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC3855

3855f
Typical applicaTion
DescripTion
Dual, Multiphase
Synchronous DC/DC Controller
with Differential Remote Sense
TheLTC®3855isadualPolyPhase®currentmodesynchro-
nous step-down switching regulator controller that drives
all N-channel power MOSFET stages. It includes a high
speed differential remote sense amplifier. The maximum
current sense voltage is programmable for either 30mV,
50mV or 75mV, allowing the use of either the inductor DCR
or a discrete sense resistor as the sensing element.
The LTC3855 features a precision 0.6V reference and can
produce output voltages up to 12.5V. A wide 4.5V to 38V
input supply range encompasses most intermediate bus
voltages and battery chemistries. Power loss and supply
noise are minimized by operating the two controller output
stages out of phase. Burst Mode® operation, continuous
or pulse-skipping modes are supported.
The LTC3855 can be configured for up to 12-phase op-
eration, has DCR temperature compensation, two power
good signals and two current limit set pins. The LTC3855
is available in low profile 40-pin 6mm
× 6mm QFN and
38-lead exposed pad FE packages.
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode and PolyPhase are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 5481178, 5705919, 5929620, 6100678,
6144194, 6177787, 6304066, 6580258.
FeaTures
applicaTions
n
Dual, 180° Phased Controllers Reduce Required
Input Capacitance and Power Supply Induced Noise
n
High Efficiency: Up to 95%
n
RSENSE or DCR Current Sensing
n
Programmable DCR Temperature Compensation
n
±0.75% 0.6V Output Voltage Accuracy
n
Phase-Lockable Fixed Frequency 250kHz to 770kHz
n
True Remote Sensing Differential Amplifier
n
Dual N-Channel MOSFET Synchronous Drive
n
Wide VIN Range: 4.5V to 38V
n
VOUT Range: 0.6V to 12.5V without Differential Amplifier
n
VOUT Range: 0.6V to 3.3V with Differential Amplifier
n
Clock Input and Output for Up to 12-Phase Operation
n
Adjustable Soft-Start or VOUT Tracking
n
Foldback Output Current Limiting
n
Output Overvoltage Protection
n
40-Pin (6mm
× 6mm) QFN and 38-Lead FE Packages
n
Computer Systems
n
Telecom Systems
n
Industrial and Medical Instruments
n
DC Power Distribution Systems
High Efficiency Dual 1.8V/1.2V Step-Down Converter
0.1µF
40.2k
0.56µH
470pF
1µF
22µF
330µF
×2
20k
15k
VOUT1
1.8V
15A
0.1µF
0.4µH
470pF
330µF
×2
20k
7.5k
100k
VOUT2
1.2V
15A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
DIFFP
PGND2
FREQ
SENSE1+
SENSE2+
DIFFOUT
SENSE1
SENSE2
VFB1
VFB2
ITH1
ITH2
VIN
INTVCC
TK/SS1
TK/SS2
VIN
4.5V TO
20V
3855 TA01
DIFFN
SGND
0.1µF
0.1µF
LTC3855
PGND1
4.7µF
+
+
+
20k
Load Step
(Forced Continuous Mode)
VIN = 12V
VOUT = 1.8V
50µs/DIV
3855 TA01a
IL
5A/DIV
VOUT
100mV/DIV
AC-COUPLED
ILOAD
5A/DIV
300mA TO 5A


Similar Part No. - LTC3855IFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Analog Devices
LTC3855 AD-LTC3855 Datasheet
2Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
logo
Analog Devices
LTC3855 AD-LTC3855 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
More results

Similar Description - LTC3855IFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com