Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3546EFETRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3546EFETRPBF
Description  Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546EFETRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3546EFETRPBF Datasheet HTML 1Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 2Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 3Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 4Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 5Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 6Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 7Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 8Page - Linear Technology LTC3546EFETRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3546
5
3546fb
TYPICAL PERFORMANCE CHARACTERISTICS
OUT1 Burst Mode Operation
OUT1 Pulse-Skipping Mode
Operation
OUT1 Forced Continuous Mode
Operation
OUT1 Burst Mode Operation
OUT1 Pulse-Skipping Mode
Operation
OUT1 Forced Continuous Mode
Operation
2μs/DIV
VOUT
20mV/DIV
ILOAD
500mA/DIV
3546 G02
SW1D CONNECTED TO SW1
VIN = 3.6V
VOUT = 1.8V
ILOAD = 300mA
1μs/DIV
VOUT
20mV/DIV
ILOAD
250mA/DIV
3546 G03
SW1D CONNECTED TO SW1
VIN = 3.6V
VOUT = 1.2V
ILOAD = 100mA
1μs/DIV
VOUT
20mV/DIV
ILOAD
250mA/DIV
3546 G04
SW1D CONNECTED TO SW1
VIN = 3.6V
VOUT = 1.2V
ILOAD = 100mA
1μs/DIV
VOUT
20mV/DIV
ILOAD
200mA/DIV
3546 G05
SW1D CONNECTED TO SW2
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA
1μs/DIV
VOUT
20mV/DIV
ILOAD
250mA/DIV
3546 G06
SW1D CONNECTED TO SW2
VIN = 3.6V
VOUT = 1.2V
ILOAD = 100mA
1μs/DIV
VOUT
20mV/DIV
ILOAD
250mA/DIV
3546 G07
SW1D CONNECTED TO SW2
VIN = 3.6V
VOUT = 1.2V
ILOAD = 50mA
OUT2 Burst Mode Operation
OUT2 Pulse-Skipping Mode
Operation
1μs/DIV
VOUT
20mV/DIV
ILOAD
500mA/DIV
3546 G08
SW1D CONNECTED TO SW2
VIN = 3.6V
VOUT = 2.5V
ILOAD = 500mA
1μs/DIV
VOUT
20mV/DIV
ILOAD
500mA/DIV
3546 G09
SW1D CONNECTED TO SW2
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA
OUT2 Forced Continuous Mode
Operation
1μs/DIV
VOUT
20mV/DIV
ILOAD
500mA/DIV
3546 G10
SW1D CONNECTED TO SW2
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA


Similar Part No. - LTC3546EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
   Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
More results

Similar Description - LTC3546EFETRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
   Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
logo
Global Mixed-mode Techn...
G5796 GMT-G5796 Datasheet
88Kb / 1P
   500kHz 2A/3A Synchronous Step-down DC/DC
G5798 GMT-G5798 Datasheet
76Kb / 1P
   500kHz 2A/3A Synchronous Step-down DC/DC
logo
Fairchild Semiconductor
FAN8303 FAIRCHILD-FAN8303 Datasheet
636Kb / 12P
   2A 23V Non-Synchronous Step-Down DC/DC Regulator
FAN8301 FAIRCHILD-FAN8301 Datasheet
618Kb / 12P
   2A, 16V, Non-Synchronous, Step-Down, DC/DC Regulator
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
Torex Semiconductor
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Global Mixed-mode Techn...
G5654 GMT-G5654 Datasheet
81Kb / 1P
   2A Step-down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com