Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2629IGN-1PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2629IGN-1PBF
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2629IGN-1PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2629IGN-1PBF Datasheet HTML 1Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 2Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 3Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 4Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 5Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 6Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 7Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 8Page - Linear Technology LTC2629IGN-1PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC2609/LTC2619/LTC2629
1
26091929fa
BLOCK DIAGRAM
DESCRIPTION
Quad 16-/14-/12-Bit
Rail-to-Rail DACs with
I2C Interface
The LTC
®2609/LTC2619/LTC2629 are quad 16-, 14- and 12-
bit, 2.7V to 5.5V rail-to-rail voltage output DACs in a 16-lead
SSOP package. They have built-in high performance output
buffers and are guaranteed monotonic.
These parts establish new board-density benchmarks for
16- and 14-bit DACs and advance performance standards
for output drive and load regulation in single-supply, volt-
age-output DACs.
The parts use a 2-wire, I2C compatible serial interface. The
LTC2609/LTC2619/LTC2629 operate in both the standard
mode (clock rate of 100kHz) and the fast mode (clock
rate of 400kHz).
The LTC2609/LTC2619/LTC2629 incorporate a power-on
reset circuit. During power-up, the voltage outputs rise less
than 10mV above zero-scale; after power-up, they stay at
zero-scale until a valid write and update take place. The
power-on reset circuit resets the LTC2609-1/LTC2619-1/
LTC2629-1 to mid-scale. The voltage outputs stay at mid-
scale until a valid write and update take place.
Differential Nonlinearity
(LTC2609)
FEATURES
APPLICATIONS
n Smallest Pin-Compatible Quad DACs:
LTC2609: 16 Bits
LTC2619: 14 Bits
LTC2629: 12 Bits
n Guaranteed Monotonic Over Temperature
n Separate Reference Inputs
n 27 Selectable Addresses
n 400kHz I2C™ Interface
n Wide 2.7V to 5.5V Supply Range
n Low Power Operation: 250μA per DAC at 3V
n Individual Channel Power Down to 1μA (Max)
n High Rail-to-Rail Output Drive (±15mA, Min)
n Ultralow Crosstalk Between DACs (5μV)
n LTC2609/LTC2619/LTC2629: Power-On Reset to
Zero-Scale
n LTC2609-1/LTC2619-1/LTC2629-1: Power-On Reset
to Mid-Scale
n Tiny 16-Lead Narrow SSOP Package
n Mobile Communications
n Process Control and Industrial Automation
n Automatic Test Equipment and Instrumentation
I2C
INTERFACE
ADDRESS
DECODE
LOGIC
32-BIT SHIFT REGISTER
SDA
2609 BD
9
REFB
6
SCL
8
VOUTB
5
VOUTA 4
REFA
3
REFLO
2
GND
1
DAC A
DAC B
REFC
12
VOUTC
13
VOUTD
14
CA2
7
CA1
10
CA0
11
REFD
15
VCC
16
DAC D
DAC C
CONTROL
LOGIC
CODE
0
16384
32768
49152
65535
2609 G02
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5396245. Patent pending.


Similar Part No. - LTC2629IGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2629IGN-1 LINER-LTC2629IGN-1 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2629IGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com