Electronic Components Datasheet Search |
|
LTC2629CGNTRPBF Datasheet(PDF) 11 Page - Linear Technology |
|
LTC2629CGNTRPBF Datasheet(HTML) 11 Page - Linear Technology |
11 / 22 page LTC2609/LTC2619/LTC2629 11 26091929fa PIN FUNCTIONS GND (Pin 1): Analog Ground. REFLO (Pin 2): Reference Low. The voltage at this pin sets the zero-scale (ZS) voltage of all DACs. This pin can be raised up to 1V above ground at VCC = 5V or 100mV above ground at VCC = 3V. REFA to REFD (Pins 3, 6, 12, 15): Reference Voltage Inputs for each DAC. REFx sets the full-scale voltage of the DACs. REFLO ≤ REFx ≤ VCC. VOUTA to VOUTD (Pins 4, 5, 13, 14): DAC Analog Voltage Outputs. The output range is from REFLO to REFx. CA2 (Pin 7): Chip Address Bit 2. Tie this pin to VCC, GND or leave it floating to select an I2C slave address for the part (Table 1). SCL (Pin 8): Serial Clock Input Pin. Data is shifted into the SDA pin at the rising edges of the clock. This high impedance pin requires a pull-up resistor or current source to VCC. SDA (Pin 9): Serial Data Bidirectional Pin. Data is shifted into the SDA pin and acknowledged by the SDA pin. This pin is high impedance pin while data is shifted in and is an open-drain N-channel output during acknowledgment. SDA requires a pull-up resistor or current source to VCC. CA1 (Pin 10): Chip Address Bit 1. Tie this pin to VCC, GND or leave it floating to select an I2C slave address for the part (Table 1). CA0 (Pin 11): Chip Address Bit 0. Tie this pin to VCC, GND or leave it floating to select an I2C slave address for the part (Table 1). VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V. |
Similar Part No. - LTC2629CGNTRPBF |
|
Similar Description - LTC2629CGNTRPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |