Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS6501BA1ST206 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6501BA1ST206
Description  16-Bit Analog-to-Digital Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6501BA1ST206 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6501BA1ST206 Datasheet HTML 1Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 2Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 3Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 4Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 5Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 6Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 7Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 8Page - Micro Analog systems MAS6501BA1ST206 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DA6501.001
27 October 2008
4 (16)
ELECTRICAL CHARACTERISTICS
TA = -20
oC to +60oC, Typ T
A = 25
oC, VDD = 2.35 V, R
sensor = 4.5kΩ unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
16
Bit
Resolution
ISR = 325 mV
ISR = 98 mV
4.9
1.5
µV
Accuracy
ISRLIN = 282 mV, OSR = 512
ISRLIN = 85 mV, OSR = 512
17
5.1
µV
Integral Nonlinearity
INL
4
LSB
Differential Nonlinearity
DNL
3
LSB
ENOB
(Effective Number of Bits)
ISRLIN = 282 mV
OSR=512
OSR=256
OSR=128
OSR=64
14
13
12
10
Bit
External Clock Signal
MCLK
30000
32768
35000
Hz
Delay Between End of
Conversion and ADC
Result Read-Out
tDEL
MCLK = 32768 Hz
0.1
ms
Duty Cycle of MCLK
DUTYC
Master Clock Division Enabled
XENMCLKDIV=0
60/40
50/50
40/60
%
Serial Data Clock
SCL
400
kHz
Input Signal Conversion
Range
ISR
ISCR = 1
ISCR = 0
325
98
mV
Linear Input Signal
Conversion Range
ISRLIN
ISCR = 1
ISCR = 0
282
85
mV
Output Code Values
0
65152
Temperature Measurement
Resistors
R1
R2
R3
R4
-15%
7710
17000
3073
17000
+15%
Temperature Measurement
Resistors Temp Coefficient
TCR
TBD
-280
TBD
ppm /
°C
Note: ISCR refer to the I
2C serial interface control bits, see table 1 on page 5.
TBD = To Be Defined


Similar Part No. - MAS6501BA1ST206

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6502 MAS-MAS6502 Datasheet
291Kb / 20P
   Piezoresistive Sensor
MAS6502 MAS-MAS6502 Datasheet
39Kb / 3P
   Writing data to the EEPROM
MAS6502 MAS-MAS6502_11 Datasheet
39Kb / 3P
   Writing data to the EEPROM
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
   Piezoresistive Sensor Signal Interface IC
MAS6503CA1Q1706 MAS-MAS6503CA1Q1706 Datasheet
1Mb / 34P
   Piezoresistive Sensor Signal Interface IC
More results

Similar Description - MAS6501BA1ST206

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
logo
Maxwell Technologies
7846B MAXWELL-7846B Datasheet
254Kb / 11P
   16-Bit Digital to Analog Converter
7846A MAXWELL-7846A Datasheet
256Kb / 11P
   16-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com