Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLN-45-48 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # PLN-45-48
Description  45W Single Output LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

PLN-45-48 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  PLN-45-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. PLN-45-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
PLN-45-12
PLN-45-15
PLN-45-20
PLN-45-24
PLN-45-27
PLN-45-36
PLN-45-48
DCVOLTAGE
CONSTANTCURRENT
OPERATIONVOLTAGE Note.7
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.6
CURRENT ADJ.RANGE Note.6
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY(Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUITNote.4
OVERVOLTAGE
OVERTEMPERATURE
12V
15V
20V
24V
27V
36V
48V
3.8A
3A
2.3A
1.9A
1.7A
1.25A
0.95A
0~3.8A
0~3A
0~2.3A
0~1.9A
0~1.7A
0~1.25A
0~0.95A
45.6W
45W
46W
45.6W
45.9W
45W
45.6W
2Vp-p
2.4Vp-p
1.8Vp-p
2.7Vp-p
2.7Vp-p
3.6Vp-p
4.6Vp-p
10%
3%~-25%.CanbeadjustedbyinternalpotentialmeterSVR2
3.0%
5.0%
1500ms/230VAC3000ms/115VACatfullload
90~264VAC
127~370VDC
47~63Hz
PF
0.9at75~100%load,115VAC/230VAC
83.5%
85%
86.5%
86.5%
86.5%
87.5%
87.5%
13.8~16V
17.5~21V
22.8~25V
28~32V
31~35V
41~46V
54~60V
0.55A/115VAC0.22A/230VAC
40A/230VAC
<0.75mA /240VAC
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
-30~+50
(Refertooutputloadderatingcurve)
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
497.8Khrsmin.MIL-HDBK-217F(25
)
181*61.5*35mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
Direct connecting to LEDs is not suggested for models with “RIPPLE & NOISE” > 10% and using additional drivers is highly recommended.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Please refer to OLP characteristics.
5. Derating may be needed under low input voltage. Please check the derating curve for more details.
6. Output voltage can be adjusted through the SVR1 on the PCB ; limit of output constant current level can be adjusted through the SVR2 on the PCB.
7. Constant current operation region is within 70% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
0.5Kg;24pcs/13Kg/0.75CUFT
45WSingleOutputLEDPowerSupply
Universal AC input / Full range
Fully isolated plastic case with IP64 level
Built-in constant current limiting circuit with adjustable OCP level
Protections: Short circuit / Overload / Over voltage / Over temperature
Built-in active PFC function
IP64 design for indoor or outdoor installations
UL1310 Class 2 power unit
Cooling by free air convection
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
2 years warranty
Features :
P L N - 4 5 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
95
10
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:PLN-45-SPEC2009-10-01
SAFETY STANDARDS
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
HARMONICCURRENT
EMSIMMUNITY
Complianceto EN55015
Complianceto
ClassC(
75%load);EN61000-3-3
EN61000-3-2
CompliancetoEN61000-4-2,3,4,5,6,8,11;En61547,lightindustrylevel,criteria A
EMICONDUCTION&RADIATION
UL1310Class2,
CAN/CSA C22.2No.223-M91(exceptfor48V),IP64approved
TUVEN61347-1,EN61347-2-13,
110%(max)
95~110%
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
IP64
( for 48V only)
( except for 48V )
F
M
M
110
LPS
SELV
EQUIVALENT
10.5~15V
14~20V
16.8~24V
18.9~27V
25.2~36V
33.6~48V
8.4~12V
CanbeadjustedbyinternalpotentialmeterSVR1
11.5~13V
14.5~16.2V
19.5~22V
24~26V
25~30V
32.5~39V
43.6~51.8V


Similar Part No. - PLN-45-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-45-48 MEANWELL-PLN-45-48 Datasheet
201Kb / 3P
   45W Single Output LED Power Supply
PLN-45-48 MEANWELL-PLN-45-48 Datasheet
208Kb / 3P
   45W Single Output LED Power Supply
More results

Similar Description - PLN-45-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PLN-45 MEANWELL-PLN-45_11 Datasheet
201Kb / 3P
   45W Single Output LED Power Supply
PLN-45 MEANWELL-PLN-45_12 Datasheet
208Kb / 3P
   45W Single Output LED Power Supply
PLP-45 MEANWELL-PLP-45_11 Datasheet
336Kb / 3P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45_12 Datasheet
150Kb / 3P
   45W Single Output LED Power Supply
PLP-45 MEANWELL-PLP-45_12 Datasheet
337Kb / 3P
   45W Single Output LED Power Supply
logo
Astrodyne Corporation
PS-45 ASTRODYNE-PS-45 Datasheet
1Mb / 8P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
EPS-45S MEANWELL-EPS-45S Datasheet
96Kb / 4P
   45W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS45 ASTRODYNE-PS45 Datasheet
322Kb / 4P
   45W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-45 MEANWELL-PS-45_11 Datasheet
341Kb / 2P
   45W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com