Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX40-58CA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # MAX40-58CA
Description  HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MAX40-58CA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  MAX40-58CA Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX40-58CA Datasheet HTML 2Page - MDE Semiconductor, Inc. MAX40-58CA Datasheet HTML 3Page - MDE Semiconductor, Inc. MAX40-58CA Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• Glass passivated junction
• Bidirectional
• 40000W Peak Pulse Power
capability on 10x1000 μs waveform
• Excellent clamping capability
• Repetition rate (duty cycle):0.05%
• Sharp breakdown voltage
• Low incremental surge resistance
• Fast response time: typically less
than 1.0 ps from 0 volts to BV
See Demensions on Page 4
• Typical IR less than 20μA above 10V
• Operation Tempature: -55°C to +150°C
MECHANICAL DATA
Terminals: Ag Plated Axial leads, solderable per
MIL-STD-750, Method 2026
Mounting Position: Any
Weight: 1.490 ± 0.149g (0.053 ± 0.005 ounces)
DEVICES FOR BIPOLAR APPLICATIONS
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
Peak Pulse Power Dissipation on 10/1000 μs
waveform
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA, U.S.A. Tel: 760-564-8656 • Fax 760-564-2414
UNITS
MAX™ 40 Series
HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE
STAND-OFF VOLTAGE 12 TO 150 Volts
40000 Watt Peak Pulse Power
Bidirectional use CA Suffix. Electrical characteristics apply in both directions.
Unidirectional A Suffix available as a special order
Watts
Amps
Peak Pulse Current of on 10-1000 μs waveform
Pppm
Minimum 20000
Ippm
SEE CURVE
5/21/2009


Similar Part No. - MAX40-58CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX40-58CA MDE-MAX40-58CA Datasheet
426Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
More results

Similar Description - MAX40-58CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX40CELL MDE-MAX40CELL Datasheet
426Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
MAX20TABCELL MDE-MAX20TABCELL Datasheet
88Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX-20 MDE-MAX-20_09 Datasheet
71Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX20CELL MDE-MAX20CELL Datasheet
71Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
logo
StarHope
TVS-TECA SPSEMI-TVS-TECA Datasheet
85Kb / 4P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 6.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
TVS-SAC SPSEMI-TVS-SAC Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
TVS-5SMDJ SPSEMI-TVS-5SMDJ Datasheet
161Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 11 to 170 Volts 5000 Watt Peak Pulse Power
TVS-PMF SPSEMI-TVS-PMF Datasheet
173Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 200 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com