Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT100KP132A Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # RT100KP132A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

RT100KP132A Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  RT100KP132A Datasheet HTML 1Page - MDE Semiconductor, Inc. RT100KP132A Datasheet HTML 2Page - MDE Semiconductor, Inc. RT100KP132A Datasheet HTML 3Page - MDE Semiconductor, Inc. RT100KP132A Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
• Plastic package has Underwriters Laboratory
P-600
Flammability Classification 94V-0
• Glass passivated junction
• 100, 000W Peak Pulse Power
capability on 6.4/69 µs waveform
• Excellent clamping capability
1.0(25.4) MIN
• Repetition rate (duty cycle):0.05%
.360(9.1)
• Low incremental surge resistance
.340(8.6)
• Fast response time: typically less
DIA
.360(9.1)
than 1.0 ps from 0 volts to BV
.340(8.6)
• High temperature soldering guaranteed:
265°C/10 seconds/.375", (9.5mm) lead
length, 5lbs., (2.3kg) tension
100 KW Transient Voltage Suppressor (TVS) are
.052(1.3)
1.0(25.4) MIN
designed for aircraft applications requiring high power
.048(1.2)
transient protection. This includes various threats such as
"Waveform 4" at 6.4/69 µs per RTCA/DO-160E Section22.
DIA
MECHANICAL DATA
Case:Molded plastic over glass passivated junction
Terminals: Plated Tin Axial leads, solderable per
Dimensions in inches (milimeters)
MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.07 ounce, 2.5 gram
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 6.4/69 µs
waveform
Peak Pulse Current of on 6.4/69 µs waveform
Steady State Power Dissipation at Tl=75 °C
Lead Lengths.375", (9.5mm)(NOTE 2)
Peak Forward Surge Current, 8.3ms Sine-Wave
Superimposed on Rated Load, (JEDEC Method)
(NOTE 3)
Operatings and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
NOTES:
1.Non-repetitive current pulse, per Fig.3 and derated above Ta=25 °C per Fig.2.
2.Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5.
3.8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum
Certified RoHS Compliant
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
MAXIMUM RATINGS AND CHARACTERISTICS
Electrical characteristics apply in both directions.
For Bidirectional use C or CA Suffix for types RT100KP28 thru types RT100KP400
DEVICES FOR BIPOLAR APPLICATIONS
RT100KP SERIES
DRAFT
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-28.0 TO 400 Volts
100,000 Watt Peak Pulse Power
PPPM
Minimum 100,000
Watts
IFSM
400.0
Amps
IPPM
SEE TABLE 1
Amps
PM(AV)
8.0
Watts


Similar Part No. - RT100KP132A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
RT100KP130A MICROSEMI-RT100KP130A Datasheet
138Kb / 4P
   Preferred 100 kW Transient Voltage Suppressor for AIRCRAFT POWER BUS PROTECTION
logo
New Jersey Semi-Conduct...
RT100KP130A NJSEMI-RT100KP130A Datasheet
99Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
RT100KP130A ETC2-RT100KP130A Datasheet
277Kb / 3P
   Transient Voltage Suppressor
More results

Similar Description - RT100KP132A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shunye Enterprise
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com