Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002 Datasheet(PDF) 3 Page - Mospec Semiconductor

Part # 1N4002
Description  GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

1N4002 Datasheet(HTML) 3 Page - Mospec Semiconductor

  1N4002 Datasheet HTML 1Page - Mospec Semiconductor 1N4002 Datasheet HTML 2Page - Mospec Semiconductor 1N4002 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 1N4002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4002 DIODES-1N4002 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
First Silicon Co., Ltd
1N4002 FS-1N4002 Datasheet
621Kb / 2P
   REVERSE VOLTGE 50V~1000V, FORWARD CURRENT 1.0AMP Rectifiers
logo
Pan Jit International I...
1N4002 PANJIT-1N4002 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
ON Semiconductor
1N4002 ONSEMI-1N4002 Datasheet
102Kb / 7P
   Axial Lead Standard Recovery Rectifiers
October, 2012 ??Rev. 13
More results

Similar Description - 1N4002

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
1N4001 SILAN-1N4001 Datasheet
167Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
logo
Rectron Semiconductor
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Yea Shin Technology Co....
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com