Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT2347 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2347
Description  Stereo Audio Processor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2347 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2347 Datasheet HTML 1Page - Princeton Technology Corp PT2347 Datasheet HTML 2Page - Princeton Technology Corp PT2347 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PT2347
PRE1.0
3
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT2347-S
28 Pins, SOP, 300mil
PT2347-S
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
REF
-
Analog reference voltage (1/2VDD)
1
VDD
-
Supply input voltage
2
AGND
-
Analog ground
3
TREB_L
I
Left channel input for treble controller
4
TREB_R
I
Right channel input for treble controller
5
RIN
I
Right channel volume controller input
6
ROUT
O
Right channel Input selector output
7
LOUD_R
I
Right channel loudness input
8
RIN3
I
Right channel input 3
9
RIN2
I
Right channel input 2
10
RIN1
I
Right channel input 1
11
LOUD_L
I
Left channel loudness input
12
LIN3
I
Left channel input 3
13
LIN2
I
Left channel input 2
14
LIN1
I
Left channel input 1
15
LIN
I
Left channel volume controller input
16
LOUT
O
Left channel Input selector output
17
BIN_L
I
Left channel input for bass controller
18
BOUT_L
O
Left channel output for bass controller
19
BIN_R
I
Right channel input for bass controller
20
BOUT_R
O
Right channel output for bass controller
21
RROUT
O
Right rear speaker output
22
LROUT
O
Left rear speaker output
23
RFOUT
O
Right front speaker output
24
LFOUT
O
Left front speaker output
25
DGND
-
Digital ground
26
SDA
I
I
2C data input
27
SCL
I
I
2C clock input
28


Similar Part No. - PT2347

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT234 BOURNS-PT234 Datasheet
148Kb / 1P
   ISDN S-Interface Isolation Transformers
logo
Everlight Electronics C...
PT234-6B EVERLIGHT-PT234-6B Datasheet
532Kb / 7P
   Opto Interrupter
logo
Bourns Electronic Solut...
PT23401 BOURNS-PT23401 Datasheet
148Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23402 BOURNS-PT23402 Datasheet
148Kb / 1P
   ISDN S-Interface Isolation Transformers
PT23403 BOURNS-PT23403 Datasheet
148Kb / 1P
   ISDN S-Interface Isolation Transformers
More results

Similar Description - PT2347

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7300 STMICROELECTRONICS-TDA7300 Datasheet
288Kb / 16P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7312 STMICROELECTRONICS-TDA7312 Datasheet
116Kb / 13P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
TDA7318 STMICROELECTRONICS-TDA7318 Datasheet
122Kb / 14P
   DIGITAL CONTROLLED STEREO AUDIO PROCESSOR
November 1999
logo
Silan Microelectronics ...
SC7315 SILAN-SC7315 Datasheet
238Kb / 13P
   2CH OUTPUT STEREO AUDIO PROCESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com