Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT88SC1616CRF Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT88SC1616CRF
Description  13.56 MHz CryptoRF짰 EEPROM Memory 16 Kbits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88SC1616CRF Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT88SC1616CRF_09 Datasheet HTML 2Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 3Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 4Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 5Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 6Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 7Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 8Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 9Page - ATMEL Corporation AT88SC1616CRF_09 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
AT88SC1616CRF
5026DS–CRRF–03/09
6.7.
Transport Password
To gain access to the configuration memory, a transport password known as the secure code must be presented using
the Check Password command. The secure code for AT88SC1616CRF is $50 44 72.
7.
Tuning Capacitance
The capacitance between the coil pins AC1 and AC2 is 82 pF nominal and may vary ±10% over temperature and
process variation.
8.
Reliability
Table 3.
Reliability
Parameter
Min
Typ
Max
Units
Write endurance
100,000
Write Cycles
Data retention
10
Years
9.
Mechanical
9.1.
Engineering Samples
Table 4.
Engineering Samples
Sample Code
Sample Description
Maximum Range
AT88SC1616CRF-MR1
R Module, 82 pF, on 35 mm tape
AT88SC1616CRF-L01B
RF Smart Card, ID-1 size, PVC
8−10 cm
AT88SC1616CRF-MU1
RFID Tag, 17 mm diameter, on 35 mm tape
1−3 cm
AT88SC1616CRF-MS1
RFID Tag, 10 x 20 mm size, on 35 mm tape
10−15 mm


Similar Part No. - AT88SC1616CRF_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC1616CRF-MR1 ATMEL-AT88SC1616CRF-MR1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88SC1616CRF-MR1 ATMEL-AT88SC1616CRF-MR1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC1616CRF-MX1 ATMEL-AT88SC1616CRF-MX1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC1616CRF-MY1 ATMEL-AT88SC1616CRF-MY1 Datasheet
896Kb / 158P
   CryptoRF Specification
AT88SC1616CRF-WA1 ATMEL-AT88SC1616CRF-WA1 Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
More results

Similar Description - AT88SC1616CRF_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88SC3216CRF ATMEL-AT88SC3216CRF_09 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 32 Kbits
AT88SC0808CRF ATMEL-AT88SC0808CRF_09 Datasheet
169Kb / 10P
   13.56 MHz CryptoRF짰 EEPROM Memory 8 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_09 Datasheet
260Kb / 9P
   13.56 MHz CryptoRF짰 EEPROM Memory 64 Kbits
AT88SC1616CRF ATMEL-AT88SC1616CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 16 Kbits
AT88RF04C ATMEL-AT88RF04C Datasheet
271Kb / 11P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC0204CRF ATMEL-AT88SC0204CRF Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 2 Kbits
AT88SC6416CRF ATMEL-AT88SC6416CRF_06 Datasheet
304Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 64 Kbits
AT88SC0104CRF ATMEL-AT88SC0104CRF_06 Datasheet
305Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 1 Kbits
AT88SC0404CRF ATMEL-AT88SC0404CRF Datasheet
248Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 4 Kbits
AT88SC3216CRF ATMEL-AT88SC3216CRF Datasheet
303Kb / 9P
   13.56 MHz CryptoRF EEPROM Memory 32 Kbits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com