Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIH3015H Datasheet(PDF) 1 Page - MMD Components

Part # MIH3015H
Description  5 x 7 Ceramic SMD Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MIH3015H Datasheet(HTML) 1 Page - MMD Components

  MIH3015H Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MIH Series – 5 x 7 Ceramic SMD Oscillator
Low Profile SMD Package
Hermetically Sealed
RoHS Compliant
Wide Frequency Range
ELECTRICAL SPECIFICATIONS:
Frequency Range
1.500MHZ to 133.000MHZ
Temperature Stability*
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Aging (+25°C ±3°C)
±5ppm for first year
Waveform
HCMOS
Supply Voltage ±5% (Vdd)
+1.80 VDC
+2.50 VDC
+3.30 VDC
+5.00 VDC
Supply Current
15mA
40mA
40mA
70mA
Load
15pF
15pF
10 TTL Gates
or 30pF
10 TTL Gates
or 50pF
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Rise/Fall Time (10% to 90% of Supply Voltage)
4nSec
Symmetry (50% of waveform)
40%/60% (45%/55% optional)
Start-up Time
10mSec max
Jitter (RMS)
Less than 1 pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
* Inclusive of Temperature., Load, Voltage and Aging
MECHANICAL DIMENSIONS:
7.20 [.283]
MAX
5.20 [.205]
MAX
1.70 [.067]
MAX
5.08 [.200]
2.60 [.102]
1.30 [.051]
1.40 [.055]
2.88 [.113]
1.81 [.071]
2.00 [.079]
2.20 [.087]
1
2
34
External Bypass Capacitor is Recommended
Dimension in Brackets are in Inches
Recommended Land
Pattern
Pin 1
Pin 2 Case Ground
Pin 3 Output
Pin 4 Supply Voltage
Pin Connections
Tri-state or Stand-by
PART NUMBER GUIDE:
5 X 7 Ceramic SMD
MI
Frequency
Please Consult with MMD Sales Department for any other Parameters or Options
* Not available in +1.8 VDC and +2.5 VDC
Operating Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40/60%
A = 45/55%
Packaging
Blank = Bulk
T = Tape and Reel
H = HCMOS
Output
Frequency
Stability
010 = ±10 ppm*
015 = ±15 ppm
020 = ±20 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Pin 1 Connection
H = Tri-state
S = Stand-by
Supply Voltage
1 = +1.8 VDC
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
H
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MIH042009Q


Similar Part No. - MIH3015H

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MIH MERITEK-MIH Datasheet
271Kb / 2P
   Aluminum Electrolytic Capacitors
logo
MMD Components
MIH MMD-MIH Datasheet
126Kb / 2P
   MIH Series 5X7 Ceramic SMD Oscillator
logo
GOOD SKY ELECTRIC CO., ...
MIH GOODSKY-MIH Datasheet
375Kb / 2P
   General Purpose Relay
MIH-SH-103D GOODSKY-MIH-SH-103D Datasheet
375Kb / 2P
   General Purpose Relay
MIH-SH-103DB GOODSKY-MIH-SH-103DB Datasheet
375Kb / 2P
   General Purpose Relay
More results

Similar Description - MIH3015H

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIHK MMD-MIHK Datasheet
72Kb / 1P
   5 x 7 Ceramic SMD Oscillator
MIMH3 MMD-MIMH3 Datasheet
53Kb / 1P
   5 x 7 Ceramic SMD 4 Pads Oscillator
MTDS MMD-MTDS Datasheet
142Kb / 2P
   5 x 7 Ceramic SMD TCXO
MIMH MMD-MIMH_12 Datasheet
53Kb / 1P
   MIMH SERIES ??5 x 7 Ceramic Oscillator
MTH MMD-MTH Datasheet
78Kb / 1P
   5 x 3.2 Ceramic SMD Oscillator
logo
ILSI America LLC
ISM98 ILSI-ISM98 Datasheet
54Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM99 ILSI-ISM99 Datasheet
51Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVPECL / LVDS
ISM91 ILSI-ISM91 Datasheet
59Kb / 2P
   5 mm x 7 mm Ceramic Package SMD Oscillator, TTL / HC-MOS
ISM63 ILSI-ISM63 Datasheet
112Kb / 3P
   5 mm x 7 mm Ceramic Package SMD Oscillator, LVCMOS / LVPECL / LVDS
logo
Oscilent Corporation
430-2.0M-5DC-T OSCILENT-430-2.0M-5DC-T Datasheet
151Kb / 3P
   7 x 5 SMD Ceramic HCMOS / TTL Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com