Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTFS520C Datasheet(PDF) 2 Page - MMD Components

Part # MTFS520C
Description  Standard 14 Dip/4 Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTFS520C Datasheet(HTML) 2 Page - MMD Components

  MTFS520C Datasheet HTML 1Page - MMD Components MTFS520C Datasheet HTML 2Page - MMD Components MTFS520C Datasheet HTML 3Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
G
0°C TO +70°C
C
-20°C TO +70°C
D
-30°C TO +70°C
F
-40°C TO
+85°C
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
1
14
8
7
7.50 [.295]
.46 [.018]
6.35 [.250]
.80 [.031]
DIMENSIONS IN BRACKERS ARE IN INCHES
XTERNAL BYPASS CAPACITOR IS RECOMMENDED
E
OUTPUT
PIN 8
PIN 14
SUPPLY VOLTAGE
PIN 1
PIN 7
PIN CONNECTIONS
VOLTAGE CONTROL OR
NO CONNECTION
CASE GROUND
ENVIRONMENT / MECHANICAL:
Shock
MIL-S
ion B
TD-883, Method 2002, Condit
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-202, Method 215
Vibration
MIL
A
-STD-883, Method 2007, Condition
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
1014, Cond A
MIL-STD-883, Meth
MARKING:
PHASE NOISE:
Line 1 =MXX
XXXXX = Frequency in MHZ
Line 2 =
YYM
)
L = Denotes RoHS Compliant
Line 3 =
May vary with lots
Black dot to denote Pin 1
XXX
M = MMD COMPONENTS
SYYMML
S = Internal Code
M = 4 Digit Date Code (Year / Month
XXXXX
Internal use only
PHASE NOISE PLOT
COMING SOON
MM
88
D Components, 30400 Esperanza, Rancho Santa Margarita, CA, 926
Phone: (949) 709-5075
www.mmdcomp.com
, Fax: (949) 709-3536,
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTFH020907F


Similar Part No. - MTFS520C

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTF-14 ADAM-TECH-MTF-14 Datasheet
96Kb / 1P
   HEADER & HOUSING SYSTEMS .100 [2.54] CENTERLINE SINGLE & DUAL ROW
MTF-B-03-K02 ADAM-TECH-MTF-B-03-K02 Datasheet
68Kb / 1P
   PITCH CRIMP CONTACT
MTF-B-06-K02 ADAM-TECH-MTF-B-06-K02 Datasheet
68Kb / 1P
   PITCH CRIMP CONTACT HOUSING
MTF-B-07-K02 ADAM-TECH-MTF-B-07-K02 Datasheet
68Kb / 1P
   PITCH CRIMP CONTACT
MTF-B-09-K02 ADAM-TECH-MTF-B-09-K02 Datasheet
69Kb / 1P
   PITCH CRIMP CONTACT
More results

Similar Description - MTFS520C

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTFH5 MMD-MTFH5 Datasheet
108Kb / 2P
   Standard 14 Dip/4 Package
MTGH MMD-MTGH Datasheet
101Kb / 2P
   Standard 14 Dip/4 TCXO
logo
Raltron Electronics Cor...
OX2000A RALTRON-OX2000A Datasheet
132Kb / 2P
   Miniature OCXO in standard 14-pin DIP package
logo
Connor-Winfield Corpora...
HTFL6D-12.800M CONNOR-WINFIELD-HTFL6D-12.800M Datasheet
161Kb / 4P
   14 Pin DIP Package
logo
Vectron International, ...
C1379 VECTRON-C1379 Datasheet
32Kb / 3P
   Standard 4-Pin DIP Package (Half Size)
C1419 VECTRON-C1419 Datasheet
35Kb / 3P
   Standard 4-Pin DIP Package Enable Function
C5379 VECTRON-C5379 Datasheet
38Kb / 3P
   Standard 4-Pin DIP Package (Half Size)
logo
MTRONPTI
XO5060 MTRONPTI-XO5060 Datasheet
57Kb / 1P
   Standard DIP/DIL Package
logo
Minmax Technology Co., ...
MDEU02-HI MINMAX-MDEU02-HI Datasheet
624Kb / 4P
   industrial standard dip-16 package
logo
Vectron International, ...
C5419 VECTRON-C5419 Datasheet
41Kb / 3P
   Standard 4-Pin DIP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com