Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1117FGSCM223 Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM1117FGSCM223
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM1117FGSCM223 Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM1117FGSCM223 Datasheet HTML 1Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 2Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 3Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 4Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 5Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 6Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 7Page - Champion Microelectronic Corp. CM1117FGSCM223 Datasheet HTML 8Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CM1117F
1A LOW DROPOUT VOLTAGE REGULATOR
2007/11/06 Rev1.3
Champion Microelectronic Corporation
Page 3
ELECTRICAL CHARACTERISTICS
Electrical Characteristics at IOUT = 10mA, and TJ = +25
℃; unless otherwise noted
CM1117F
Parameter
Device
Test Conditions
Min.
Typ.
Max.
Unit
Reference Voltage
CM1117F
IOUT = 10mA, VIN= 5V
1.225
1.250
1.275
V
CM1117FD
10mA <= IOUT <= 1A, 3.2V<= VIN <= 7V
1.764
1.800
1.836
V
CM1117FK
10mA <= IOUT <= 1A, 4.25V<= VIN <= 7V
2.450
2.500
2.550
V
Output Voltage
CM1117FS
10mA <= IOUT <= 1A, 4.75V<= VIN <= 7V
3.234
3.300
3.366
V
Adj. Output
IOUT = 10mA, 1.5V<= VIN <= 7V
0.05
0.30
%
Line Regulator
Fixed Output
IOUT = 10mA, VOUT + 1.5V<= VIN <= 7V
1
6.0
mV
Adj. Output
10mA <= IOUT <= 1A, VIN – VOUT = 3V
0.4
2
%
Load Regulation
Fixed Output
10mA <= IOUT <= 1A, VIN = VOUT + 1.5V
8
36
mV
Dropout Voltage
(VIN – VOUT )
Fixed Output
IOUT = 10mA
IOUT = 1A
1
1.1
1.25
V
Current Limit
Fixed Output
(VIN – VOUT ) = 3V
1.8
A
Minimum Load
Current (Note 1)
VIN <= 7V
4
mA
Quiescent Current
Fixed Output
VIN <= 7V
10
13
mA
Ripple Rejection
(Note 2)
fO = 120Hz, 1VRMS, , IOUT = 1A, (VIN – VOUT )= 3V
35
dB
Thermal Regulation
(Note 2)
TA = 25
℃, 30ms pulse
0.01
0.1
%W
Adjust Pin Current
IOUT = 10mA, VIN – VOUT = 2V
48
120
μA
Note 1:
For the adjustable device, the minimum load current is the minimum current required to maintain regulation. Normally the
current in the resistor divider used to set the output voltage is selected to meet the minimum load current requirement.
Note 2:
These parameters, although guaranteed, are not tested in production.


Similar Part No. - CM1117FGSCM223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM1117FGSCM223 ETC1-CM1117FGSCM223 Datasheet
259Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117FGSCM223

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117_07 Datasheet
330Kb / 7P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com