Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1117CM223 Datasheet(PDF) 4 Page - Champion Microelectronic Corp.

Part # CM1117CM223
Description  1A LOW DROPOUT VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM1117CM223 Datasheet(HTML) 4 Page - Champion Microelectronic Corp.

  CM1117CM223 Datasheet HTML 1Page - Champion Microelectronic Corp. CM1117CM223 Datasheet HTML 2Page - Champion Microelectronic Corp. CM1117CM223 Datasheet HTML 3Page - Champion Microelectronic Corp. CM1117CM223 Datasheet HTML 4Page - Champion Microelectronic Corp. CM1117CM223 Datasheet HTML 5Page - Champion Microelectronic Corp. CM1117CM223 Datasheet HTML 6Page - Champion Microelectronic Corp. CM1117CM223 Datasheet HTML 7Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CM1117
1A LOW DROPOUT VOLTAGE REGULATOR
2007/05/02 Rev1.9
Champion Microelectronic Corporation
Page 4
Note 1:
Typical Values represent the most likely parametric norm.
Note 2:
All limits are guaranteed by testing or statistical analysis.
Note 3:
Load and line regulation are measured at constant junction room temperature.
Note 4:
The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input
voltage. It is measured when the output voltage has dropped 100mV from the nominal value obtained at VIN = VOUT +1.5V.
Note 5:
The minimum output current required to maintain regulation.
Note 6:
Minimum pad size of 0.038in
2
Application Hints
Like any linear voltage regulator, CM1117 requires
external capacitors to ensure stability. The external
capacitors must be carefully selected to ensure
performance.
Input Capacitor
An input capacitor of at least 10μF is required.
Ceramic or Tantalum can be used. The value can be
increase without upper limit.
Output Capacitor
An output capacitor is required for stability. It must be
placed no more than 1 cm away from the VOUT pin, and
connected directly between VOUT and GND pins. The
minimum value is 22μF but may be increase without
limit.
Thermal Considerations
It is important that the thermal limit of the package is
not exceeded.
The CM1117 has built-in thermal
protection. When the thermal limit is exceeded, the IC
will enter protection, and VOUT will be pulled to ground.
The power dissipation for a given application can be
calculated as following:
The power dissipation (PD) is
PD = IOUT * [VIN – VOUT]


Similar Part No. - CM1117CM223

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM1117CM223 CHAMP-CM1117CM223 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - CM1117CM223

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2940 BELLING-BL2940_16 Datasheet
959Kb / 15P
   1A Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2910 ADMOS-AMS2910 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117_05 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
AMS2910 ADMOS-AMS2910_08 Datasheet
71Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com