Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM431AGBCS Datasheet(PDF) 8 Page - Champion Microelectronic Corp.

Part # CM431AGBCS
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM431AGBCS Datasheet(HTML) 8 Page - Champion Microelectronic Corp.

Back Button CM431AGBCS Datasheet HTML 4Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 5Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 6Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 7Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 8Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 9Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 10Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 11Page - Champion Microelectronic Corp. CM431AGBCS Datasheet HTML 12Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CM431A
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
2006/10/11 Rev1.2
Champion Microelectronic Corporation
Page 8
APPLICATION INFORMATION
R*
V
V
VO = (1 + R1/R2) × VREF
Note: R should provide 1mA cathode current to the
CM431A of minimum VBATT
Figure 4. Shunt Regulator
V
BATT
O
BATT
R1
0.1%
CM431A
V
CM431A
O
VREF
V
≈ 2V
Input
on
R2
Voff ≈ VBATT
0.1%
Figure 5. Single –Supply Comparator With Temperature
compensated threshold.
VO = (1 + R1/R2) × VREF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
GND
Vth = 2.5V
V
V
V
V
BATT
O
BATT
O
R1
R1
CM431A
C
R2
CM431A
R2


Similar Part No. - CM431AGBCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431AGBCS ETC-CM431AGBCS Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
More results

Similar Description - CM431AGBCS

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431L ETC1-CM431L Datasheet
354Kb / 13P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com