Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUL210027A Datasheet(PDF) 2 Page - MMD Components

Part # MMUL210027A
Description  5 x 3.2 Custom Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MMUL210027A Datasheet(HTML) 2 Page - MMD Components

  MMUL210027A Datasheet HTML 1Page - MMD Components MMUL210027A Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5.15 [.203]
MAX
3.35 [.132]
MAX
1.30 [.051]
321
456
1.27 [.050]
2.54 [.100]
1.00 [.039]
0.64 [.025]
1.27 [.050]
2.54 [.100]
1.00 [.039]
1.40 [.055]
0.80 [.031]
PIN CONNECTIONS
SUPPLY VOLTA
COMPLEMENTARY
OUTPUT
CASE GROUND
NO CONNECTI
TRI-STATE
GE
OUTPUT
ON
PIN 4
PIN 6
PIN 5
PIN 2
PIN 3
PIN 1
PIN 1 DESIGNATOR LOCATED IN THIS AREA.
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
RECOMMENDED
LAND PATTERN
MXX.XXX
SYYMML
ENVIRONMENTAL/MECHANICAL SPECIFICATION:
MARKING DETAIL:
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
Reflow Solder
+260ºC for 10 sec max
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYMCCL
S = Internal Code
YM = Date Code (Year/Month)
CC = Crystal Parameters Code
L = Denotes RoHS Compliant
TAPE AND REEL DIMENSIONS:
PITCH
PITCH
8.0 [.315]
TAPE WIDTH
16.0 [.630]
330 [13 IN]
REEL DIA
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
1000
QTY PER REEL
PIN 1 ORIENT.
Q1
DIRECTION OF FEED
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters [inches].
3. Tolerances are ±0.1 [.004] unless otherwise specified.
4. Do not scale drawing.
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
`
In the event of conflict, the requirements of this specification shall govern.
Revision:
MMUL092209A
Revisions only with customer approval
Page 2 of 2
Release: AWB
Date:
09/30/09


Similar Part No. - MMUL210027A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU-0102 VISHAY-MMU-0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU-0102 VISHAY-MMU-0102 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
   Professional Thin Film MELF Resistors
logo
Vishay Siliconix
MMU-0102-HF VISHAY-MMU-0102-HF Datasheet
150Kb / 11P
   High Frequency Thin Film MELF Resistors
Revision: 26-Oct-15
MMU-0102-VG03 VISHAY-MMU-0102-VG03 Datasheet
183Kb / 8P
   MELF Resistors with Established Reliability
Revision: 21-May-12
More results

Similar Description - MMUL210027A

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTH MMD-MTH Datasheet
78Kb / 1P
   5 x 3.2 Ceramic SMD Oscillator
MTH MMD-MTH_12 Datasheet
107Kb / 2P
   MTH Series 5 x 3.2 Ceramic SMD Oscillator
logo
Transko Electronics, In...
THS32 TRANSKO-THS32 Datasheet
418Kb / 1P
   OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 4: Jul. 2015
logo
MTRONPTI
M2060 MTRONPTI-M2060 Datasheet
603Kb / 7P
   3.2 x 5 mm, 3.3 Volt, LVPECL, Clock Oscillator
logo
EUROQUARTZ limited
MJ EUROQUARTZ-MJ Datasheet
156Kb / 1P
   5 x 3.2 x 0.9mm SMD
MJ20 EUROQUARTZ-MJ20 Datasheet
235Kb / 1P
   5 x 3.2 x 1.0mm SMD
logo
MMD Components
MVUH MMD-MVUH_12 Datasheet
109Kb / 2P
   5 x 3.2 VCXO Specification
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
   HCMOS 3.2 x 2.5mm 3.3V Oscillator
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
   3.2 X 2.5 Ceramic SMD Oscillator
logo
Fox Electronics
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
   LVDS 3.2 x 2.5mm 3.3V Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com