Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM2860 Datasheet(PDF) 9 Page - Champion Microelectronic Corp.

Part # CM2860
Description  600mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM2860 Datasheet(HTML) 9 Page - Champion Microelectronic Corp.

Back Button CM2860 Datasheet HTML 2Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 3Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 4Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 5Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 6Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 7Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 8Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 9Page - Champion Microelectronic Corp. CM2860 Datasheet HTML 10Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CM2860/CM2861
600mA CMOS LDO
2007/01/11 Rev. 1.7
Champion Microelectronic Corporation
Page 9
NUMBERING SCHEME
Ordering Number
: CM2860XYZ/CM2861XYZ (note1)
Ordering Number
: CM2860GXYZ/CM2861GXYZ (note2)
note1
:
CM2860/CM2861: 600mA CMOS LDO
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note2
:
CM2860/CM2861: 600mA CMOS LDO
G : Suffix for Pb Free Product
X : Suffix for voltage output (note 3)
Y : Suffix for Temperature Range (note 4)
Z : Suffix for Package Type (note 5)
note 3
: see CMOS LDO Voltage Suffix Table
note 4
:
Y= I : -40~+85(only I grade support for all CMOS LDOs)
note 5:
Z is single alphabet with or without digits
M223 : SOT-223 (TR only)
M89 : SOT-89 (TR only)
CMOS LDO Voltage Suffix Table
Output Voltage
Suffix
Output Voltage
Suffix
1.5V
A
3.0V
P
1.6V
B
3.1V
Q
1.7V
C
3.2V
R
1.8V
D
3.3V
S
1.9V
E
3.4V
T
2.0V
F
3.5V
U
2.1V
G
3.6V
V
2.2V
H
3.7V
W
2.3V
I
3.8V
X
2.4V
J
3.9V
Y
2.5V
K
4.0V
Z
2.6V
L
2.7V
M
2.8V
N
2.9V
O


Similar Part No. - CM2860

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2860 ETC1-CM2860 Datasheet
215Kb / 10P
   600mA CMOS LDO
CM2860GKIM223 ETC1-CM2860GKIM223 Datasheet
215Kb / 10P
   600mA CMOS LDO
CM2860GKIM89 ETC1-CM2860GKIM89 Datasheet
215Kb / 10P
   600mA CMOS LDO
CM2860GSIM223 ETC1-CM2860GSIM223 Datasheet
215Kb / 10P
   600mA CMOS LDO
CM2860GSIM89 ETC1-CM2860GSIM89 Datasheet
215Kb / 10P
   600mA CMOS LDO
More results

Similar Description - CM2860

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com