Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3718IS Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM3718IS
Description  1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM3718IS Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM3718IS Datasheet HTML 2Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 3Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 4Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 5Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 6Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 7Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 8Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 9Page - Champion Microelectronic Corp. CM3718IS Datasheet HTML 10Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CM3718
1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
IN-RUSH CURRENT
CM3718 Vin=5V, VREF=1V, Load=1.5A, Ip-p=1.81A
CM3718 Vin=5V, VREF=4V, Load=1.5A, Ip-p=1.81A
EFFICIENCY
CM3718 efficiency (VOUT=1V, load from 0.05A~1.5A)
CM3718
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
100.0%
Iout(A)
CM3718 efficiency (VOUT =4V, load from 0.05A~1.5A)
CM3718
80.0%
82.0%
84.0%
86.0%
88.0%
90.0%
92.0%
94.0%
96.0%
98.0%
100.0%
Iout(A)
2006/10/11 Rev. 1.6
Champion Microelectronic Corporation
Page 7


Similar Part No. - CM3718IS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
CM3718GIS ETC-CM3718GIS Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
More results

Similar Description - CM3718IS

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
   Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT2158 ANALOGICTECH-AAT2158_08 Datasheet
756Kb / 16P
   1.5A Low Noise Step-Down Converter
logo
List of Unclassifed Man...
CM3708 ETC-CM3708 Datasheet
165Kb / 6P
   3A LOOW NOISE PWM STEP DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com