Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6565GIP Datasheet(PDF) 5 Page - Champion Microelectronic Corp.

Part # CM6565GIP
Description  Noise Free 16 pin Self-Start Interleaved PFC with 180 Degree Phase Shift CRM PFC Controller for 90/85
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6565GIP Datasheet(HTML) 5 Page - Champion Microelectronic Corp.

  CM6565GIP Datasheet HTML 1Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 2Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 3Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 4Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 5Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 6Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 7Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 8Page - Champion Microelectronic Corp. CM6565GIP Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
CM6565
Noise Free 16 pin Self-Start Interleaved PFC with
180 Degree Phase Shift CRM PFC Controller for 90+/85+
2008/10/09 Rev1.0
Champion Microelectronic Corporation
Page 5
BLOCK DIAGRAM
2.5V
10
GND
U6_AND4
U16_VEAO
1
IAC
-
+
.
+
+
+
+
7
PGB
U7_SYNC
ISENSE SLAVE
VRMS2
U2_DRIVER
BLOCKWIREB
3V
2V
LITCHB
VFB
DCOKB
2.5V
VFB
SOFTPFC
16
VEAO
2V
ZCDMASTER
DCOK
VEAO
2
ZCDMASTER
U5_ZCDCMP
PFCSLAVEOFFB
MULOUT
VREFOK
SB1
SB2
Q
RB1
RB2
QB
SYNCOFFB
-
+
.
-.
MULO
GND
2.25V
5
VRMS2
U9_BLOCKWIRE
ISENSESLAVE
SYNCONB
VINOKB
9
ISENSE SLAVE
UVLOB
0.5V
U14_DCOKCMP
ISENS MASTER
SLAVEON
U10_VINOKCMP
2.5V
D1_ZENER
1V
U3_SRLATCH2
VEAO
GND
8
ISENSE MASTER
SB1
SB2
Q
RB1
RB2
QB
BLOCKWIRE
VREFOK
11 PFC SLAVE OUT
13
VCC
U11_PFCOVPCMP
VEAO
MN1
VFB
14
VREF
-
+
.
-.
PFCOVPCMPB
15
VFB
VEAO
4
VRMS1
MASTERCLUB
PFCOVPCMP
VDCOKB
IAC
VCC
ISENSEMASTER
-
+
.
-.
GND
UVLOB
U12_SOFTPFC
VRMS1
VINOK
U4_SRLATCH2
3
PG THL
+
-
.
-
.
VREF
VFB
+
-
+
+
+
-
-
-
+
TOOLONGB
2.75V
U1_DRIVER
PFCMASTEROFFB
VRMS2
6
SS
ISOFT
12 PFC MASTER OUT
MASTERON
U8_SW
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM6565GIP
-40℃ to 125℃
16-Pin PDIP (P016)
CM6565GIS
-40℃ to 125℃
16-Pin SOP (S016)
Note:
1.G : Suffix for Pb Free Product
2.Initial Accuracy : TA=25℃


Similar Part No. - CM6565GIP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CM656 VCC-CM656 Datasheet
32Kb / 1P
   Wedge Base
logo
API Delevan
CM6560 API-CM6560 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
CM6560-104 API-CM6560-104 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
CM6560-104 API-CM6560-104 Datasheet
1Mb / 1P
   Surface Mount Common Mode Choke
CM6560-105 API-CM6560-105 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
More results

Similar Description - CM6565GIP

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP8802 MGCHIP-MAP8802 Datasheet
964Kb / 16P
   CRM PFC Controller
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Princeton Technology Co...
RS2330 PTC-RS2330 Datasheet
260Kb / 4P
   THD Optimized CRM PFC Controller
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
logo
Shindengen Electric Mfg...
MH2501SC SHINDENGEN-MH2501SC Datasheet
1Mb / 33P
   Easy Multi Interleave Controller for multi-phase interleaved PFC
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
   Interleaved Dual BCM PFC Controller
logo
NXP Semiconductors
TEA2376DT NXP-TEA2376DT Datasheet
483Kb / 46P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
TEA2376AT NXP-TEA2376AT Datasheet
459Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 8 November 2023
TEA2376BT NXP-TEA2376BT Datasheet
466Kb / 43P
   Digital configurable interleaved PFC controller
Rev. 1 - 10 August 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com