Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTEHF325D Datasheet(PDF) 2 Page - MMD Components

Part # MTEHF325D
Description  Industry Standard Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MTEHF325D Datasheet(HTML) 2 Page - MMD Components

  MTEHF325D Datasheet HTML 1Page - MMD Components MTEHF325D Datasheet HTML 2Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FREQUENCY STABILITY vs TEMPERATURE TABLE:
Stability
10
15
20
25
30
50
Code
Temp
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
±3.0ppm
±5.0ppm
A
0°C TO +50°C
G
0°C TO +70°C
C
-20°C TO +70°C
D
-30°C TO +70°C
F
-40°C TO +85°C
● = Available
= Consult with the Manufacturer
MECHANICAL DIMENSIONS:
21.30 [.839]
22.30 [.878]
18.30 [.720]
4.00 [.157]
15.00 [.591]
4.00 [.157]
1.20 [.047]
DIMENSION IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
3.15 [.124]
0.50 [.020]
8
7
11.70 [.461]
5.60 [.220]
MAX
7.50 [.295]
14
1
12.10 [.476]
22.10 [.870]
RECOMMENDED
LAND PATTERN
3.00 [.118]
4.35 [.171]
7.50 [.295]
1.60 [.063]
5.00 [.197]
ENVIRONMENT / MECHANICAL:
Shock
MIL-STD-883, Method 2002, Condition B
Solderability
MIL-STD-883, Method 2003
Solvent Resistance
MIL-STD-883, Method 215
Vibration
MIL-STD-883, Method 2007, Condition A
MARKING:
PHASE NOISE:
Line 1: MXX.XXX
XX.XXX = Frequency in MHz
Line 2: SYYMML
S = Internal Code
YYMM = Date Code (Year/Month)
L = Denotes RoHS Compliant
Line 3: XXXXX
Internal Manufacture Code
d
Black Dot to enote Pin 1
PHASE NOISE PLOT
COMING SOON
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
Specifications subject to change without notice
Revision MTEH012907F


Similar Part No. - MTEHF325D

ManufacturerPart #DatasheetDescription
logo
MMD Components
MTEH MMD-MTEH Datasheet
110Kb / 2P
   MTEH, MTES, and MTEZ TCXO Series
logo
Cystech Electonics Corp...
MTEH0N20J3 CYSTEKEC-MTEH0N20J3 Datasheet
596Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTEH0N20J3-0-T3-G CYSTEKEC-MTEH0N20J3-0-T3-G Datasheet
596Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTEH0N20L3 CYSTEKEC-MTEH0N20L3 Datasheet
298Kb / 8P
   MTEH0N20L3 CYStek Product Specification
MTEH0N25J3 CYSTEKEC-MTEH0N25J3 Datasheet
399Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTEHF325D

ManufacturerPart #DatasheetDescription
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
MVAV3 MMD-MVAV3 Datasheet
136Kb / 2P
   Industry Standard Package
MVKL2 MMD-MVKL2 Datasheet
85Kb / 1P
   Industry Standard Package
MAC MMD-MAC Datasheet
81Kb / 1P
   Industry Standard Package
MAH MMD-MAH Datasheet
91Kb / 1P
   Industry Standard Package
logo
Power-One
QES050YE POWER-ONE-QES050YE Datasheet
151Kb / 3P
   Industry Standard Package
logo
MMD Components
MVAP5 MMD-MVAP5 Datasheet
136Kb / 2P
   Industry Standard Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com