Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6802SAHGISTR Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM6802SAHGISTR
Description  EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802SAHGISTR Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

Back Button CM6802SAHGISTR Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6802SAHGISTR Datasheet HTML 10Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CM6802SAH/SBH (Turbo-Speed PFC+Green PWM)
http://www.championmicro.com.tw
EPA/85+ ZVS-Like PFC+PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.5
Champion Microelectronic Corporation
6
ELECTRICAL CHARACTERISTICS:
(Conti.) Unless otherwise stated, these specifications apply Vcc=+14V, RT = 5.88 kΩ, CT = 1000pF,
TA=OperatingTemperature Range (Note 1)
CM6802SAH/SBH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Current Error Amplifier (gmi)
Input Voltage Range (Isense pin)
-1.2
0.7
V
Transconductance
VNONINV = VINV, IEAO = 1.5V @ T=25℃
50
67
85
μ mho
Input Offset Voltage
VEAO=0V, IAC is open
-10
50
mV
Output High Voltage
6.8
7.4
7.7
V
Output Low Voltage
0.1
0.4
V
Sink Current
ISENSE = -0.5V, IEAO = 1.5V @ T=25℃
-40
-35.5
-28.4
μ A
Source Current
ISENSE = +0.5V, IEAO = 4.0V @ T=25℃
25.2
32
40
μ A
Open Loop Gain
DC Gain
30
40
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
60
75
dB
PFC OVP Comparator
Threshold Voltage
2.70
2.85
3.0
V
Hysteresis
200
320
mV
PFC Green Power Detect Comparator
Veao Threshold Voltage
0.17
0.28
0.4
V
Tri-Fault Detect
Fault Detect HIGH
2.70
2.85
3.0
V
Time to Fault Detect HIGH
VFB=VFAULT DETECT LOW to
VFB=OPEN, 470pF from VFB to GND
2
4
ms
Fault Detect Low
0.1
0.28
0.4
V
PFC ILIMIT Comparator
Threshold Voltage
-1.10
-1.00
-0.90
V
(PFCILIMIT– Gain Modulator
Output)
70
200
mV
Delay to Output (Note 4)
Overdrive Voltage = -100mV
700
ns


Similar Part No. - CM6802SAHGISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802 CHAMP-CM6802 Datasheet
338Kb / 18P
   NO BLEED RESISTOR GREEN MODE PFC/PWM CONTROLLER COMBO
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIP CHAMP-CM6802AGIP Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802AGIS CHAMP-CM6802AGIS Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802SAHGISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A Datasheet
820Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com