Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6901GISTR Datasheet(PDF) 7 Page - Champion Microelectronic Corp.

Part # CM6901GISTR
Description  SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6901GISTR Datasheet(HTML) 7 Page - Champion Microelectronic Corp.

Back Button CM6901GISTR Datasheet HTML 3Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 4Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 5Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 6Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 7Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 8Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 9Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 10Page - Champion Microelectronic Corp. CM6901GISTR Datasheet HTML 11Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CM6901
SLS (SRC/LLC+SR) Controller with 1 FM+2 PWMs
2009/11/02 Rev1.4
Champion Microelectronic Corporation
Page 7
ELECTRICAL CHARACTERISTICS
(VCC=12V, RT=43K±1%, CT=820pF±1%, Freq. = 80 KHz, Duty Cycle=48% , Temp=-40 ~ 125 ℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
RTCT Oscillator;RT=43K±1%;CT=820pF±1%, (pin 9)
Initial Accuracy
TA=25℃
72
80
88
Khz
Voltage Stability
11.5V < Vcc < 16.5V
1
%
Temperature Stability
2
%
Ramp Valley to Peak Voltage
2
V
CT Discharge Time
350
nS
Maximum Duty cycle
DEAO > 3.0V
48
%
Minimum Duty Cycle
DEAO < 1.2V
0
%
SR Ideal Diode (pin12)
Maximum Duty cycle
TA=25℃
35
40
45
%
Middle Duty cycle
TA=25℃
22
24.5
27
%
Minimum Duty cycle
TA=25℃
2.5
4.65
6.8
%
Frequency at Minimum Duty
cycle
TA=25℃
36
39
42
KHz


Similar Part No. - CM6901GISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901 CHAMP-CM6901 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901T6X CHAMP-CM6901T6X Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901XIP CHAMP-CM6901XIP Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
CM6901XIS CHAMP-CM6901XIS Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
More results

Similar Description - CM6901GISTR

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6901T6 CHAMP-CM6901T6 Datasheet
578Kb / 16P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
2015/10/16 Rev1.2
CM6901 CHAMP-CM6901_12 Datasheet
243Kb / 15P
   SLS (SRC/LLCSR) Controller with 1 FM2 PWMs
logo
ON Semiconductor
NCL30159AA ONSEMI-NCL30159AA Datasheet
1Mb / 45P
   LLC Converter Controller with HB Driver
June, 2023 - Rev. P0
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
   Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
NXP Semiconductors
TEA2226AT NXP-TEA2226AT_V01 Datasheet
515Kb / 52P
   Digital configurable LLC controller
Rev. 1.1 - 2 November 2023
TEA2226AT NXP-TEA2226AT Datasheet
516Kb / 54P
   Digital configurable LLC controller
Rev. 1 - 14 July 2023
logo
Monolithic Power System...
HR1001L MPS-HR1001L Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
logo
Shindengen Electric Mfg...
MCZ5207SG SHINDENGEN-MCZ5207SG Datasheet
1Mb / 24P
   LLC Current resonant bridge controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com