Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6903AIZ Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM6903AIZ
Description  Low Pin Count PFC/PWM CONTROLLER COMBO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6903AIZ Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM6903AIZ Datasheet HTML 1Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 2Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 3Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 4Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 5Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 6Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 7Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 8Page - Champion Microelectronic Corp. CM6903AIZ Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CM6903A
Low Pin Count PFC/PWM CONTROLLER COMBO
2008/10/20 Rev1.4
Champion Microelectronic Corporation
Page 3
BLOCK DIAGRAM
2.5V
..
fpfc=
R1A
100K
2
1
R1C
5.1K
2
1
9
IAC
-1V
SS
17.9V
..
CM6903A
0.5V
VCC OVP
+
-
.
-
PFC ILIMIT
+
-
.
VIN OK
+
-
.
+
FAULTB
2.45V
..
gmv
-
+
.
PFCCLKB
VREF OK
16.4V
67.5KHz
PFC OVP
+
-
.
-
VREFOK
PWM CMP
+
-
.
-
2.75V
0.75V
RAMP
ISENSEAMP
2
VCC
PWMCLK
10ms
PWM CLK
S
OR
Q
Q
R
fpwm=
2.5V
4
PFCOUT
VCC
5
GND
7
VEAO
6
ISENSE
VCC
1.5V
PFCCLKB
PWMCLK
.
.
VFB
VREF OK
1
DCILIMIT
OS
R
Q
Q
R
R
8
VFB
PFC CMP
+
-
.
Tri-Fault Detect
+
-
.
3
PWMOUT
R1B
400K
2
1
67.5KHz
UVLO
UVLO
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum ratings are those values beyond which the device could be permanently damaged.
Parameter
Min.
Max.
Units
VCC MAX
20
V
IAC (after start up)
GND-0.3
1.0
V
ISENSE Voltage
-5
0.7
V
PFC OUT
GND – 0.3
VCC + 0.3
V
PWM OUT
GND – 0.3
VCC + 0.3
V
VEAO
0
6.3
V
Voltage on Any Other Pin
GND – 0.3
VCC + 0.3
V
ICC Current (Average)
40
mA
Peak PFC OUT Current, Source or Sink
0.5
A
Peak PWM OUT Current, Source or Sink
0.5
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
μJ
Junction Temperature
150
Storage Temperature Range
-65
150
Operating Temperature Range
-40
125
Lead Temperature (Soldering, 10 sec)
260
Thermal Resistance (θJA)
80
/W


Similar Part No. - CM6903AIZ

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903AIZ CHAMP-CM6903AIZ Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results

Similar Description - CM6903AIZ

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6903A CHAMP-CM6903A Datasheet
311Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com