Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8562A Datasheet(PDF) 3 Page - Champion Microelectronic Corp.

Part # CM8562A
Description  2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM8562A Datasheet(HTML) 3 Page - Champion Microelectronic Corp.

  CM8562A Datasheet HTML 1Page - Champion Microelectronic Corp. CM8562A Datasheet HTML 2Page - Champion Microelectronic Corp. CM8562A Datasheet HTML 3Page - Champion Microelectronic Corp. CM8562A Datasheet HTML 4Page - Champion Microelectronic Corp. CM8562A Datasheet HTML 5Page - Champion Microelectronic Corp. CM8562A Datasheet HTML 6Page - Champion Microelectronic Corp. CM8562A Datasheet HTML 7Page - Champion Microelectronic Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CM8562A
2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
VIN, VCCA, VFB …................................…....……………..7V
Storage Temperature ……................……. -65°C to 125°C
Output RMS Current, Source or Sink .....…………........…...2A
Lead Temperature (Soldering, 5 sec)………….…….. 260°C
Thermal Resistance(θJC)………...……… 14°C/W (PSOP-8)
Thermal Resistance(θJA)…….………………...…… 75°C/W
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, these specifications apply T
A=25°C;
VIN=+2.5V and VCCA=+3.3V, VREFEN=1.25V)
maximum ratings are stress ratings only and functional device operation is not
implied. (Note 1)
CM8562A
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V
Output Offset Voltage
I
OS
OUT=0A (Note 2)
-20
20
mV
I
Operating Current at VIN
No load, Cout=200uF
1
mA
OP
IL: 0A -> 2A
0.8/1.2
2/3
%
|Δ
VLOAD
Load Regulation (DDR I/II)
IL: 0A -> -2A
0.8/1.2
2/3
%
VCCA>VOUT+1.9V
0.3
0.4
V
Iout=2A
V
Dropout Voltage
DROPOUT
VCCA>VOUT+1.9V
0.2
0.25
V
Iout=1.5A
I
Quiescent Current at V
At Room Temp.
190
230
μA
CCQ
CCA
REFEN<0.2V, RL = 10
Ohm
I
Current in Shutdown Mode
90
110
μA
SHDN
V
Input Voltage Range (Note 3)
No Load
1
2.5/1.8
6
V
IN
V
Input Voltage Range (Note 3)
R = 10 Ohm
3.15
3.3
6
V
CCA
L
SHORT CIRCUIT PROTECTION
I
Current Limit
5
A
LIMIT
I
Short Current
Sinking
2
A
SC,VIN
I
Short Current
Sourcing
2
A
SC,GND
OVER THERMAL PROTECTION
THSD
Thermal Shutdown Temperature
3.15V<=VCCA<=6V
125
150
155
Thermal Shutdown Hysteresis
25
30
35
REFEN FUNCTION
REFEN Threshold
VREFEN < VIN
0.4
0.5
0.6
V
VREFEN < VCCA – 1.9V
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions
Note 2:
VOS = VREFEN – VOUT
Note 3:
Keep VCCA >= VIN and VCCA >=VREFEN + 1.9V on operation power on and power off sequences
Note 4:
Guaranteed by design, not 100% test
2007/01/30 Rev. 1.0
Champion Microelectronic Corporation
Page 3


Similar Part No. - CM8562A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
   2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562B CHAMP-CM8562B Datasheet
224Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562B CHAMP-CM8562B Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562BGIN252 CHAMP-CM8562BGIN252 Datasheet
224Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
More results

Similar Description - CM8562A

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8562P CHAMP-CM8562P Datasheet
225Kb / 7P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562 CHAMP-CM8562 Datasheet
277Kb / 8P
   2A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
logo
List of Unclassifed Man...
CM8562 ETC-CM8562 Datasheet
142Kb / 7P
   2A SINK SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B_13 Datasheet
107Kb / 4P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
List of Unclassifed Man...
CM8562P ETC1-CM8562P Datasheet
168Kb / 5P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Unisonic Technologies
UR6516B UTC-UR6516B Datasheet
159Kb / 6P
   2A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8562B CHAMP-CM8562B Datasheet
224Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8562B CHAMP-CM8562B_08 Datasheet
232Kb / 8P
   1.8A SINK & SOURCE ADJUSTABLE LINEAR REGULATOR
CM8566 CHAMP-CM8566 Datasheet
238Kb / 8P
   2A ADJUSTABLE LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com