Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM8501GIS Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CM8501GIS
Description  1.5A BUS TERMINATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM8501GIS Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CM8501GIS Datasheet HTML 1Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 8Page - Champion Microelectronic Corp. CM8501GIS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CM8501/A
1.5A BUS TERMINATOR
2006/10/11 Rev. 1.3
Champion Microelectronic Corporation
Page 2
PIN CONFIGURATION
PSOP-16 (PS16)/PTSSOP-16 (PT16)
Top View
PSOP-8 (PS08)
Top View
1
2
3
4
8
7
6
5
VCCA
VCCQ
AGND
SD
PVDD
VL
PGND
VFB
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VCCA
NC
NC
NC
AGND
SD
VIN/2
AGSEN
NC
PVDD
VL
PGND
NC
VFB
VCCQ
NC
PIN DESCRIPTION
Pin No.
Operating Rating
8501
8501A
Symbol
Description
Min.
Typ.
Max.
Unit
1
1
VCCA
Voltage supply for internal circuits
2
2.5
5.5
V
2,3,4,9,12,16
--
NC
No Connection
5
3
AGND
Ground for internal reference voltage divider
Shutdown level
0.75 x VCCA
VCCA+0.3
6
4
SD
CMOS input level
Enable level
0
2.0
V
7
--
VIN/2
Input for external reference voltage
VCCQ/2
V
8
--
AGSEN Ground for remote sensing
10
2
VCCQ
Voltage reference for external voltage divider
2.5
V
11
5
VFB
Feedback node for the VTT
VCCQ/2
V
13
6
PGND
Ground for output power transistors
14
7
VL
Output voltage/inductor connection (IDD1+IDD2,
Output RMS current)
-2.0
+2.0
A
15
8
PVDD
Voltage supply for output power transistors
2
2.5
5.5
V
ORDERING INFORMATION
Part Number
Temperature Range
Package
CM8501IT
-40℃ to 85℃
16-Pin PTSSOP (PT16)
CM8501IS
-40℃ to 85℃
16-Pin PSOP (PS16)
CM8501AIS
-40℃ to 85℃
8-Pin PSOP (PS08)
CM8501GIT*
-40℃ to 85℃
16-Pin PTSSOP (PT16)
CM8501GIS*
-40℃ to 85℃
16-Pin PSOP (PS16)
CM8501AGIS*
-40℃ to 85℃
8-Pin PSOP (PS08)
*Note: G : Suffix for Pb Free Product


Similar Part No. - CM8501GIS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM8501GIS ETC-CM8501GIS Datasheet
396Kb / 10P
   1.5A BUS TERMINATOR
More results

Similar Description - CM8501GIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM8501C CHAMP-CM8501C Datasheet
285Kb / 6P
   1.5A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8501 ETC-CM8501 Datasheet
396Kb / 10P
   1.5A BUS TERMINATOR
CM8501C ETC1-CM8501C Datasheet
206Kb / 6P
   1.5A BUS TERMINATOR
CM8561 ETC-CM8561 Datasheet
119Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
Champion Microelectroni...
CM8561 CHAMP-CM8561 Datasheet
144Kb / 5P
   1.5A SINK & SOURCE ADJUSTABLE LINEAR BUS TERMINATOR
logo
List of Unclassifed Man...
CM8500 ETC-CM8500 Datasheet
298Kb / 13P
   3A BUS TERMINATOR
logo
Champion Microelectroni...
CM8500A CHAMP-CM8500A Datasheet
446Kb / 13P
   3A BUS TERMINATOR
logo
List of Unclassifed Man...
CM8500A ETC1-CM8500A Datasheet
409Kb / 13P
   3A BUS TERMINATOR
logo
Anachip Corp
AP1128 ANACHIP-AP1128 Datasheet
233Kb / 7P
   3A Bus Terminator Regulator
AP1127 ANACHIP-AP1127 Datasheet
139Kb / 4P
   3A Bus Terminator Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com