Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM6802BHXIS Datasheet(PDF) 6 Page - Champion Microelectronic Corp.

Part # CM6802BHXIS
Description  EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6802BHXIS Datasheet(HTML) 6 Page - Champion Microelectronic Corp.

Back Button CM6802BHXIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 8Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 9Page - Champion Microelectronic Corp. CM6802BHXIS Datasheet HTML 10Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
CM6802A/B/AH/BH (Dynamic Soft PFC/Green PWM)
http://www.championmicro.com.tw
EPA/80++ ZVS-Like PFC/PWM COMBO CONTROLLER
Design for High Efficient Power Supply at both Full Load and Light Load
2009/11/02 Rev. 1.4
Champion Microelectronic Corporation
6
ELECTRICAL CHARACTERISTICS:
(Conti.) Unless otherwise stated, these specifications apply Vcc=+14V, RT = 7.75 kΩ, CT = 1000pF,
TA=OperatingTemperature Range (Note 1)
CM6802A/B/AH/BH
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Sink Current
ISENSE = -0.5V, IEAO = 1.5V
-42
-33
-30
μ A
Source Current
ISENSE = +0.5V, IEAO = 4.0V
28
31
42
μ A
Open Loop Gain
DC Gain
30
40
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
60
75
dB
PFC OVP Comparator
Threshold Voltage
2.70
2.85
3.0
V
Hysteresis
200
300
mV
PFC Green Power Detect Comparator
Veao Threshold Voltage
0.15
0.25
0.35
V
Tri-Fault Detect
Fault Detect HIGH
2.70
2.85
3.0
V
Time to Fault Detect HIGH
VFB=VFAULT DETECT LOW to
VFB=OPEN, 470pF from VFB to GND
2
4
ms
Fault Detect LOW
0.4
0.5
0.6
V
PFC ILIMIT Comparator
Threshold Voltage
-1.10
-1.00
-0.90
V
(PFCILIMIT– Gain Modulator
Output)
100
200
mV
Delay to Output (Note 4)
Overdrive Voltage = -100mV
700
ns
DC ILIMIT Comparator
Threshold Voltage
0.92
1.0
1.08
V
Delay to Output (Note 4)
Overdrive Voltage = 100mV
700
ns
DC to DC PWM Brown Out Comparator
OK Threshold Voltage
2.20
2.36
2.52
V
Hysteresis
900
950
1000
mV


Similar Part No. - CM6802BHXIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802BHXIS CHAMP-CM6802BHXIS Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802BHXISTR CHAMP-CM6802BHXISTR Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
More results

Similar Description - CM6802BHXIS

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM6802A CHAMP-CM6802A_12 Datasheet
819Kb / 25P
   EPA/80 ZVS-Like PFC/PWM COMBO CONTROLLER
CM6802SAH CHAMP-CM6802SAH Datasheet
827Kb / 25P
   EPA/85 ZVS-Like PFCPWM COMBO CONTROLLER
CM6800T CHAMP-CM6800T Datasheet
852Kb / 27P
   EPA/85 PFCPWM COMBO CONTROLLER
CM6502S CHAMP-CM6502S Datasheet
326Kb / 20P
   EPA/90 ZVS-Like PFC CONTROLLER Design for High Efficient Power Supply at both Full Load and Light Load
logo
Fairchild Semiconductor
FAN4822 FAIRCHILD-FAN4822 Datasheet
71Kb / 10P
   ZVS Average Current PFC Controller
logo
Micro Linear Corporatio...
ML4822 MICRO-LINEAR-ML4822 Datasheet
201Kb / 10P
   ZVS Average Current PFC Controller
logo
Fairchild Semiconductor
ML4805 FAIRCHILD-ML4805 Datasheet
125Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
ML4841 FAIRCHILD-ML4841 Datasheet
129Kb / 15P
   Variable Feedforward PFC/PWM Controller Combo
ML4801 FAIRCHILD-ML4801 Datasheet
160Kb / 14P
   Variable Feedforward PFC/PWM Controller Combo
logo
Micro Linear Corporatio...
ML4805 MICRO-LINEAR-ML4805 Datasheet
152Kb / 13P
   Variable Feedforward PFC/PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com