Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS300P-24 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # HWS300P-24
Description  Peak Power Industrial Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

HWS300P-24 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  HWS300P-24 Datasheet HTML 1Page - RSG Electronic Components GmbH HWS300P-24 Datasheet HTML 2Page - RSG Electronic Components GmbH HWS300P-24 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
HWS300P & 600P Series
Model Selector
Adjust
Max Avg.
Max Avg.
Peak
Max Peak
Overcurrent
Voltage
Range
Current
Power
Current A
Power W
Minimum
Overvoltage
Model
VV
A
W
(1,2)
(1)
AV
HWS300P-24
24V
19.2 - 26.4
12.5
300
21 / 42
504 / 1008
21.4 / 42.8
27.6 - 32.4
HWS600P-24
24V
19.2 - 26.4
25
600
40.5 / 83
972 / 1992
41.3 / 84.6
27.6 - 32.4
HWS300P-36
36V
28.8 - 39.6
8.4
302.4
14 / 28
504 / 1008
14.3 / 28.6
41.4 - 48.6
HWS600P-36
36V
28.8 - 39.6
16.7
601.2
27 / 55.5
972 / 1998
27.5 / 56.6
41.4 - 48.6
HWS300P-48
48V
38.4 - 52.8
6.3
302.4
10.5 / 21
504 / 1008
10.7 / 21.4
55.2 - 64.8
HWS600P-48
48V
38.4 - 52.8
12.5
600
20 / 41.5
960 / 1992
20.4 / 42.3
55.2 - 64.8
Notes
(1) 100/200VAC
(2) 200-265VAC Input, 5s maximum on time up to 35% duty cycle (see instruction manual)
Outline Drawing HWS300P
Outline Drawing HWS600P


Similar Part No. - HWS300P-24

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HWS300P-24 TDK-HWS300P-24 Datasheet
121Kb / 1P
   AC-DC Power Supplies
More results

Similar Description - HWS300P-24

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TIS TOUCHSTONE-TIS Datasheet
1Mb / 13P
   Industrial Power Supplies
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
   Industrial Power Supplies
logo
Red Lion Controls. Inc
XX-PS-024 REDLION-XX-PS-024 Datasheet
1Mb / 3P
   Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com