Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MVAH5010CY Datasheet(PDF) 1 Page - MMD Components

Part # MVAH5010CY
Description  14 Pin DIP HCMOS VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVAH5010CY Datasheet(HTML) 1 Page - MMD Components

  MVAH5010CY Datasheet HTML 1Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice
Revision MVAH032907E
MVAH Series – 14 Pin DIP HCMOS VCXO
Industry Standard Package
+2.5VDC, +3.3VDC, or +5.0VDC Supply Voltage
HCMOS Output
RoHS Compliant Available
ELECTRICAL SPECIFICATIONS:
Supply Voltage (Vdd)
+2.5VDC ±10%
+3.3DC ±10%
+5.0VDC ±10%
Frequency Range
1.000MHZ TO 220.000MHZ
Frequency Stability (Inclusive of Temp., Load,
Voltage and Aging)
(See Part Number Guide for Options)
Operating Temp.Range
(See Part Number Guide for Options)
Storage Temp. Range
-55°C to +125°C
Supply Current
60mA max
60mA max
85mA max
Load
15pF
30pF
30pF
Output
HCMOS
Logic “0”
10% Vdd max
Logic “1”
90% Vdd min
Symmetry (50% of waveform)
40%/60%
Rise / Fall Time (10% to 90%)
10nSec max
Start Time
10mSec max
Control Voltage
1.25 VDC ±1.00 VDC
1.65 VDC ±1.50 VDC
2.50 VDC ±2.00 VDC
Linearity
(See Part Number Guide for Options)
Pullability
(See Part Number Guide for Options)
ENVIRONMENTAL/MECHANICAL SPECIFICATIONS:
Shock
MIL-STD-883, Meth 2002, Cond B
Solderability
MIL-STD-883, Meth 2003
Vibration
MIL-STD-883, Meth 2007, Cond A
Gross Leak Test
MIL-STD-883, Meth 1014, Cond C
Fine Leak Test
MIL-STD-883, Meth 1014, Cond A
MECHANICAL DIMENSIONS:
20.70 [.815]
MAX
13.10 [.516]
MAX
15.24 [.600]
7.62 [.300]
PIN 7
PIN 8
PIN 14
GROUND
OUTPUT
SUPPLY VOLTAGE
PIN CONNECTIONS
1
14
8
7
5.08 [.200]
.46 [.018]
PIN 1 VOLTAGE CONTROL
DIMENSIONS IN BRACKETS ARE IN INCHES
EXTERNAL BYPASS CAPACITOR IS RECOMMENDED
Black Dot to Denote Pin 1
5.08 [.200]
MAX
PART NUMBERING GUIDE:
Please Consult with MMD Sales Deparment for any other Parameters or Options
H = HCMOS
Output
Operating
Temperature
Blank = 0°C to +70°C
27 = -20°C to +70°C
48 = -40°C to +85°C
Symmetry
Blank = 40%/60%
A = 45%/55%
Pullability
A = ±200 ppm min
C = ±100 ppm min
D = ±50 ppm min
P = ±25 ppm min
Linearity
Blank = ±20% max
X = ±5% max
Z = ±15% max
Y = ±10% max
RoHS Compliant
Blank = Not Compliant
F = is Compliant
Supply Voltage
2 = +2.5 VDC
3 = +3.3 VDC
5 = +5.0 VDC
Stability
010 = ±10 ppm
025 = ±25 ppm
050 = ±50 ppm
100 = ±100 ppm
Frequency
MVA
Frequency
H
14 Pin DIP VCXO
MMD Components, 30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com


Similar Part No. - MVAH5010CY

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
More results

Similar Description - MVAH5010CY

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
H10BV CONNOR-WINFIELD-H10BV Datasheet
36Kb / 1P
   TIGHT TOLERANCE 14 PIN DIP HCMOS VCXO
logo
MMD Components
MVBH MMD-MVBH Datasheet
84Kb / 1P
   8 Pin DIP HCMOS VCXO
logo
Connor-Winfield Corpora...
MPH61 CONNOR-WINFIELD-MPH61 Datasheet
53Kb / 1P
   14 PIN DIP HCMOS
H10C CONNOR-WINFIELD-H10C Datasheet
50Kb / 1P
   14 PIN DIP HCMOS
HC13R5 CONNOR-WINFIELD-HC13R5 Datasheet
54Kb / 1P
   14 PIN DIP HCMOS
MPH51 CONNOR-WINFIELD-MPH51 Datasheet
53Kb / 1P
   14 PIN DIP HCMOS
HC13R8 CONNOR-WINFIELD-HC13R8 Datasheet
62Kb / 1P
   14 PIN DIP HCMOS
HC42R8 CONNOR-WINFIELD-HC42R8 Datasheet
52Kb / 1P
   14 PIN DIP HCMOS
HV54I-100 CONNOR-WINFIELD-HV54I-100 Datasheet
210Kb / 2P
   14 PIN 5.0V HCMOS VCXO
HV52-150-024.704M CONNOR-WINFIELD-HV52-150-024.704M Datasheet
121Kb / 2P
   14 PIN 5.0V HCMOS VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com