Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS-125-3.3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PPS-125-3.3
Description  125W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PPS-125-3.3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PPS-125-3.3 Datasheet HTML 1Page - RSG Electronic Components GmbH PPS-125-3.3 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Derating Curve
Output Derating VS Input Voltage
File Name:PPS-125-SPEC 2006-07-24
AC Input Connector (CN1) : JST B3P-VH or equivalent
HS1,HS2 & HS3 can not be shorted
DC Output Connector (CN4) : JST B8P-VH or equivalent
Pin No.
Pin No.
1
1~4
3
5~8
2
Assignment
Assignment
AC/L
-V
AC/N
+V
No Pin
Mating Housing
Mating Housing
JST VHR
JST VHR
or equivalent
or equivalent
Terminal
Terminal
JST SVH-21T-P1.1
JST SVH-21T-P1.1
or equivalent
or equivalent
Unit:mm
AMBIENT TEMPERATURE ( )
INPUT VOLTAGE (V) 60Hz
90
100
115
135
155
264
100
90
80
70
60
50
40
-20
01020 25 3040506070
20
50
70
100
125
Free air Convection
Forced air 18CFM
1
2
CN3
1
CN4
8
7
6
4
3
2
5
1
CN1
3
SVR1
LED1
115.6
5
127
2
Air flow
direction
(HORIZONTAL)
Mating Housing
Molex 5051
or equivalent
Terminal
Molex 4809
or equivalent
Remote Sense(CN3) : Molex 5045-02 or equivalent
Pin No.
1
2
Assignment
RS+
RS-
125W Single Output with PFC Function
PPS-125 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PPS-125-3.3

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
PPS-125-3.3 TOTAL-POWER-PPS-125-3.3 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPS-125-3.3 ASTRODYNE-PPS-125-3.3 Datasheet
635Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125-3.3 MEANWELL-PPS-125-3.3 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
PPS-125-3.3 MEANWELL-PPS-125-3.3 Datasheet
291Kb / 2P
   125W Single Output with PFC Function
More results

Similar Description - PPS-125-3.3

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PPS-125 ASTRODYNE-PPS-125 Datasheet
635Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPT125 ASTRODYNE-PPT125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125_11 Datasheet
291Kb / 2P
   125W Single Output with PFC Function
logo
Total Power Internation...
PPS-125 TOTAL-POWER-PPS-125 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPS125 ASTRODYNE-PPS125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPT-125 RSG-PPT-125 Datasheet
170Kb / 2P
   125W Triple Output with PFC Function
logo
Mean Well Enterprises C...
PPT-125 MEANWELL-PPT-125_10 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125_11 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125 Datasheet
281Kb / 2P
   125W Triple Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com