Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PFC130-53-3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # PFC130-53-3
Description  POWER FACTOR 0.987 TYPICAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PFC130-53-3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  PFC130-53-3 Datasheet HTML 1Page - RSG Electronic Components GmbH PFC130-53-3 Datasheet HTML 2Page - RSG Electronic Components GmbH PFC130-53-3 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - PFC130-53-3

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFC10 RIEDON-PFC10 Datasheet
235Kb / 3P
   Thick Film Power SMD Resistors
PFC10 RIEDON-PFC10 Datasheet
291Kb / 3P
   Thick Film Power SMD Resistors
PFC10-100RF1 RIEDON-PFC10-100RF1 Datasheet
291Kb / 3P
   Thick Film Power SMD Resistors
PFC10-20RF1 RIEDON-PFC10-20RF1 Datasheet
291Kb / 3P
   Thick Film Power SMD Resistors
logo
List of Unclassifed Man...
PFC10-2RF1 ETC2-PFC10-2RF1 Datasheet
448Kb / 3P
   PFC Series Thick Film Power SMD Resistors
More results

Similar Description - PFC130-53-3

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SMZ AVAGO-AFBR-703SMZ Datasheet
508Kb / 19P
   Typical power dissipation 600mW
AFBR-703SDDZ AVAGO-AFBR-703SDDZ Datasheet
479Kb / 22P
   Typical power dissipation 600mW
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
   54mW typical power consumption
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
   Power Factor Correction
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
   Power Factor Correction
B25667B4497A375 EPCOS-B25667B4497A375 Datasheet
125Kb / 3P
   Power Factor Correction
B25667B5197A375 EPCOS-B25667B5197A375 Datasheet
100Kb / 3P
   Power Factor Correction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com