Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7XC512 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT91SAM7XC512
Description  ARM Thumb-based Microcontrollers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7XC512 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT91SAM7XC512 Datasheet HTML 4Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 5Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 6Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 7Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 8Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 9Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7XC512 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
8
6209DS–ATARM–17-Feb-09
AT91SAM7XC512/256/128 Preliminary
Note:
1. Refer to Section 6. ”I/O Lines Considerations”.
Analog-to-Digital Converter
AD0-AD3
Analog Inputs
Analog
Digital pulled-up inputs at reset.
AD4-AD7
Analog Inputs
Analog
Analog Inputs
ADTRG
ADC Trigger
Input
ADVREF
ADC Reference
Analog
Fast Flash Programming Interface
PGMEN0-PGMEN1
Programming Enabling
Input
PGMM0-PGMM3
Programming Mode
Input
PGMD0-PGMD15
Programming Data
I/O
PGMRDY
Programming Ready
Output
High
PGMNVALID
Data Direction
Output
Low
PGMNOE
Programming Read
Input
Low
PGMCK
Programming Clock
Input
PGMNCMD
Programming Command
Input
Low
CAN Controller
CANRX
CAN Input
Input
CANTX
CAN Output
Output
Ethernet MAC 10/100
EREFCK
Reference Clock
Input
RMII only
ETXCK
Transmit Clock
Input
MII only
ERXCK
Receive Clock
Input
MII only
ETXEN
Transmit Enable
Output
ETX0 - ETX3
Transmit Data
Output
ETX0 - ETX1 only in RMII
ETXER
Transmit Coding Error
Output
MII only
ERXDV
Receive Data Valid
Input
MII only
ECRSDV
Carrier Sense and Data Valid
Input
RMII only
ERX0 - ERX3
Receive Data
Input
ERX0 - ERX1 only in RMII
ERXER
Receive Error
Input
ECRS
Carrier Sense
Input
MII only
ECOL
Collision Detected
Input
MII only
EMDC
Management Data Clock
Output
EMDIO
Management Data Input/Output
I/O
EF100
Force 100 Mbits/sec.
Output
High
RMII only
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Comments


Similar Part No. - AT91SAM7XC512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
   ARM Thumb-based Microcontrollers
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
11Mb / 727P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7XC512-AU ATMEL-AT91SAM7XC512-AU Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM7XC512-AU ATMEL-AT91SAM7XC512-AU Datasheet
11Mb / 727P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7XC512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512 Datasheet
675Kb / 45P
   ARM Thumb-based Microcontrollers
AT91SAM7A2 ATMEL-AT91SAM7A2 Datasheet
141Kb / 15P
   ARM Thumb - based Microcontrollers
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9M11 ATMEL-AT91SAM9M11 Datasheet
1Mb / 57P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G45 ATMEL-AT91SAM9G45 Datasheet
1Mb / 54P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com