Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM7X256-AU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM7X256-AU
Description  AT91 ARM Thumb-based Microcontrollers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7X256-AU Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM7X256-AU Datasheet HTML 1Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 2Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 3Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 4Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 5Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 6Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 7Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 8Page - ATMEL Corporation AT91SAM7X256-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
2
6120FS–ATARM–17-Feb-09
AT91SAM7X512/256/128 Preliminary
Real-time Timer (RTT)
– 32-bit Free-running Counter with Alarm
– Runs Off the Internal RC Oscillator
Two Parallel Input/Output Controllers (PIO)
– Sixty-two Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
– Input Change Interrupt Capability on Each I/O Line
– Individually Programmable Open-drain, Pull-up Resistor and Synchronous Output
Thirteen Peripheral DMA Controller (PDC) Channels
One USB 2.0 Full Speed (12 Mbits per second) Device Port
– On-chip Transceiver, 1352-byte Configurable Integrated FIFOs
One Ethernet MAC 10/100 base-T
– Media Independent Interface (MII) or Reduced Media Independent Interface (RMII)
– Integrated 28-byte FIFOs and Dedicated DMA Channels for Transmit and Receive
One Part 2.0A and Part 2.0B Compliant CAN Controller
– Eight Fully-programmable Message Object Mailboxes, 16-bit Time Stamp Counter
One Synchronous Serial Controller (SSC)
– Independent Clock and Frame Sync Signals for Each Receiver and Transmitter
– I²S Analog Interface Support, Time Division Multiplex Support
– High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer
Two Universal Synchronous/Asynchronous Receiver Transmitters (USART)
– Individual Baud Rate Generator, IrDA® Infrared Modulation/Demodulation
– Support for ISO7816 T0/T1 Smart Card, Hardware Handshaking, RS485 Support
– Full Modem Line Support on USART1
Two Master/Slave Serial Peripheral Interfaces (SPI)
– 8- to 16-bit Programmable Data Length, Four External Peripheral Chip Selects
One Three-channel 16-bit Timer/Counter (TC)
– Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel
– Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
One Four-channel 16-bit Power Width Modulation Controller (PWMC)
One Two-wire Interface (TWI)
– Master Mode Support Only, All Two-wire Atmel EEPROMs and I2C Compatible Devices Supported
One 8-channel 10-bit Analog-to-Digital Converter, Four Channels Multiplexed with Digital I/Os
SAM-BA® Boot Assistance
– Default Boot program
– Interface with SAM-BA Graphic User Interface
IEEE® 1149.1 JTAG Boundary Scan on All Digital Pins
5V-tolerant I/Os, Including Four High-current Drive I/O lines, Up to 16 mA Each
Power Supplies
– Embedded 1.8V Regulator, Drawing up to 100 mA for the Core and External Components
– 3.3V VDDIO I/O Lines Power Supply, Independent 3.3V VDDFLASH Flash Power Supply
– 1.8V VDDCORE Core Power Supply with Brownout Detector
Fully Static Operation: Up to 55 MHz at 1.65V and 85
⋅ C Worst Case Conditions
Available in 100-lead LQFP Green and 100-ball TFBGA Green Packages


Similar Part No. - AT91SAM7X256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
1Mb / 45P
   Incorporates the ARM7TDMI ARM Thumb Processor
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
10Mb / 687P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
413Kb / 44P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7X256-AU ATMEL-AT91SAM7X256-AU Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
AT91SAM7X256-AU-001 ATMEL-AT91SAM7X256-AU-001 Datasheet
7Mb / 664P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM7X256-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_09 Datasheet
643Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com