Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9261S Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT91SAM9261S
Description  AT91 ARM Thumb-based Microcontrollers
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261S Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT91SAM9261S_09 Datasheet HTML 2Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9261S_09 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
6242ES–ATARM–11-Sep-09
AT91SAM9261S
AIC
IRQ0 - IRQ2
External Interrupt Inputs
Input
FIQ
Fast Interrupt Input
Input
PIO
PA0 - PA31
Parallel IO Controller A
I/O
Pulled-up input at reset
PB0 - PB31
Parallel IO Controller B
I/O
Pulled-up input at reset
PC0 - PC31
Parallel IO Controller C
I/O
Pulled-up input at reset
EBI
D0 - D31
Data Bus
I/O
Pulled-up input at reset
A0 - A25
Address Bus
Output
0 at reset
NWAIT
External Wait Signal
Input
Low
SMC
NCS0 - NCS7
Chip Select Lines
Output
Low
NWR0 - NWR3
Write Signal
Output
Low
NRD
Read Signal
Output
Low
NWE
Write Enable
Output
Low
NBS0 - NBS3
Byte Mask Signal
Output
Low
CompactFlash Support
CFCE1 - CFCE2
CompactFlash Chip Enable
Output
Low
CFOE
CompactFlash Output Enable
Output
Low
CFWE
CompactFlash Write Enable
Output
Low
CFIOR
CompactFlash IO Read
Output
Low
CFIOW
CompactFlash IO Write
Output
Low
CFRNW
CompactFlash Read Not Write
Output
CFCS0 - CFCS1
CompactFlash Chip Select Lines
Output
Low
NAND Flash Support
NANDOE
NAND Flash Output Enable
Output
Low
NANDWE
NAND Flash Write Enable
Output
Low
NANDCS
NAND Flash Chip Select
Output
Low
SDRAM Controller
SDCK
SDRAM Clock
Output
SDCKE
SDRAM Clock Enable
Output
High
SDCS
SDRAM Controller Chip Select
Output
Low
BA0 - BA1
Bank Select
Output
SDWE
SDRAM Write Enable
Output
Low
RAS - CAS
Row and Column Signal
Output
Low
SDA10
SDRAM Address 10 Line
Output
Multimedia Card Interface
MCCK
Multimedia Card Clock
Output
MCCDA
Multimedia Card A Command
I/O
MCDA0 - MCDA3
Multimedia Card A Data
I/O
Table 3-1.
Signal Description by Peripheral (Continued)
Signal Name
Function
Type
Active Level
Comments


Similar Part No. - AT91SAM9261S_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9261S-CJ ATMEL-AT91SAM9261S-CJ Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S-CJ ATMEL-AT91SAM9261S-CJ Datasheet
9Mb / 709P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261SB-CU ATMEL-AT91SAM9261SB-CU Datasheet
715Kb / 39P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261SB-CU ATMEL-AT91SAM9261SB-CU Datasheet
9Mb / 709P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261S ATMEL-AT91SAM9261S_1 Datasheet
9Mb / 709P
   AT91 ARM Thumb-based Microcontrollers
More results

Similar Description - AT91SAM9261S_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM7A3 ATMEL-AT91SAM7A3 Datasheet
311Kb / 32P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7S128 ATMEL-AT91SAM7S128 Datasheet
2Mb / 495P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9261 ATMEL-AT91SAM9261_1 Datasheet
613Kb / 43P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A1 ATMEL-AT91SAM7A1_05 Datasheet
5Mb / 402P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB Datasheet
689Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM7A2_0407 ATMEL-AT91SAM7A2_0407 Datasheet
145Kb / 16P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G10 ATMEL-AT91SAM9G10_1 Datasheet
11Mb / 730P
   AT91 ARM Thumb-based Microcontrollers
AT91SAM9G46 ATMEL-AT91SAM9G46 Datasheet
1Mb / 59P
   AT91 ARM Thumb-based Microcontrollers
AT91FR40162SB ATMEL-AT91FR40162SB_10 Datasheet
297Kb / 22P
   AT91 ARM Thumb-based Microcontrollers
ATSAM3U ATMEL-ATSAM3U Datasheet
176Kb / 7P
   AT91 ARM Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com