Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM4744 Datasheet(PDF) 2 Page - Daya Electric Group Co., Ltd.

Part # ZM4744
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAYA [Daya Electric Group Co., Ltd.]
Direct Link  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

ZM4744 Datasheet(HTML) 2 Page - Daya Electric Group Co., Ltd.

  ZM4744 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. ZM4744 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. ZM4744 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZM 4728...ZM 4764
Nominal
Zener
voltage
3)
Test
current
Maximum Zener
Impedance
1)
Maximum reverse
leakage current
Surge
current
Maxi-
mum
regulator
current
2)
TYPE
at
IZT
Vz V
IZTmA
at
IZT
VzΩ
VzkΩ
at
IZKmA
IR μA
at
VR V
at
TA = 25
oC
IR mA
IZMmA
ZM4728
3.3
76
10
400
1
150
1
1375
275
ZM4729
3.6
69
10
400
1
100
1
1260
252
ZM4730
3.9
64
9
400
1
100
1
1190
234
ZM4731
4.3
58
9
400
1
50
1
1070
217
ZM4732
4.7
53
8
500
1
10
1
970
193
ZM4733
5.1
49
7
550
1
10
1
890
178
ZM4734
5.6
45
5
600
1
10
2
810
162
ZM4735
6.2
41
2
700
1
10
3
730
146
ZM4736
6.8
37
3.5
700
1
10
4
660
133
ZM4737
7.5
34
4.0
700
0.5
10
5
605
121
ZM4738
8.2
31
4.5
700
0.5
10
6
550
110
ZM4739
9.1
28
5.0
700
0.5
10
7
500
100
ZM4740
10
25
7
700
0.25
10
7.6
454
91
ZM4741
11
23
8
700
0.25
5
8.4
414
83
ZM4742
12
21
9
700
0.25
5
9.1
380
76
ZM4743
13
19
10
700
0.25
5
9.9
344
69
ZM4744
15
17
14
700
0.25
5
11.4
304
61
ZM4745
16
15.5
16
700
0.25
5
12.2
285
57
ZM4746
18
14
20
750
0.25
5
13.7
250
50
ZM4747
20
12.5
22
750
0.25
5
15.2
225
45
ZM4748
22
11.5
23
750
0.25
5
16.7
205
41
ZM4749
24
10.5
25
750
0.25
5
18.2
190
38
ZM4750
27
9.5
35
750
0.25
5
20.6
170
34
ZM4751
30
8.5
40
1000
0.25
5
22.8
150
30
ZM4752
33
7.5
45
1000
0.25
5
25.1
135
27
ZM4753
36
7.0
50
1000
0.25
5
27.4
125
25
ZM4754
39
6.5
60
1000
0.25
5
29.7
115
23
ZM4755
43
6.0
70
1500
0.25
5
32.7
110
22
ZM4756
47
5.5
80
1500
0.25
5
35.8
95
19
ZM4757
51
5.0
95
1500
0.25
5
38.8
90
18
ZM4758
56
4.5
110
2000
0.25
5
42.6
80
16
ZM4759
62
4.0
125
2000
0.25
5
47.1
70
14
ZM4760
68
3.7
150
2000
0.25
5
51.7
65
13
ZM4761
75
3.3
175
2000
0.25
5
56.0
60
12
ZM4762
82
3.0
200
3000
0.25
5
62.2
55
11
ZM4763
91
2.8
250
3000
0.25
5
69.2
50
10
ZM4764
100
2.5
350
3000
0.25
5
76
45
9
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value
equal to 10% of the Zener current (IZT or IZK ) is superimposed on IZT or IZK . Zener Impedance is measured at two
points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2) Valid provided that electrodes are kept at ambient temperature.
3) Measured under thermal equilibrium and DC test conditions.


Similar Part No. - ZM4744

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZM4744 SEMTECH-ZM4744 Datasheet
226Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Zibo Seno Electronic En...
ZM4744 ZSELEC-ZM4744 Datasheet
194Kb / 3P
   1W SURFACE MOUNT ZENER DIODE
logo
General Semiconductor
ZM4744 GE-ZM4744 Datasheet
69Kb / 3P
   ZENER DIODES
logo
Bytesonic Electronics C...
ZM4744 BYTESONIC-ZM4744 Datasheet
253Kb / 3P
   Silicon Planar Power Zener Diodes
logo
GOOD-ARK Electronics
ZM4744 GOOD-ARK-ZM4744 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - ZM4744

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com