Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91SAM9XE128 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT91SAM9XE128
Description  AT91 ARM Thumb Microcontrollers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9XE128 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT91SAM9XE128_09 Datasheet HTML 3Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 4Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 5Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 6Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 7Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 8Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 9Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 10Page - ATMEL Corporation AT91SAM9XE128_09 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
6254BS–ATARM–29-Apr-09
AT91SAM9XE128/256/512 Preliminary
RTCK
Return Test Clock
Output
VDDIOP0
Flash Memory
ERASE
Flash and NVM Configuration Bits
Erase Command
Input
High
VDDIOP0
Pull-down resistor (15 k
Ω)
Reset/Test
NRST
Microcontroller Reset
I/O
Low
VDDIOP0
Open-drain output,
Pull-Up resistor (100 k
Ω).
Inserted in the Boundary
Scan.
TST
Test Mode Select
Input
VDDBU
Pull-down resistor (15 k
Ω)
Debug Unit - DBGU
DRXD
Debug Receive Data
Input
VDDIOP0
DTXD
Debug Transmit Data
Output
VDDIOP0
Advanced Interrupt Controller - AIC
IRQ0 - IRQ2
External Interrupt Inputs
Input
VDDIOP0
FIQ
Fast Interrupt Input
Input
VDDIOP0
PIO Controller - PIOA - PIOB - PIOC
PA0 - PA31
Parallel IO Controller A
I/O
VDDIOP0
Pulled-up input at reset
(100k
Ω)(1)
PB0 - PB30
Parallel IO Controller B
I/O
VDDIOP0
Pulled-up input at reset
(100k
Ω)(1)
PC0 - PC31
Parallel IO Controller C
I/O
VDDIOP0
Pulled-up input at reset
(100k
Ω)(1)
External Bus Interface - EBI
D0 - D31
Data Bus
I/O
VDDIOM
Pulled-up input at reset
A0 - A25
Address Bus
Output
VDDIOM
0 at reset
NWAIT
External Wait Signal
Input
Low
VDDIOM
Static Memory Controller - SMC
NCS0 - NCS7
Chip Select Lines
Output
Low
VDDIOM
NWR0 - NWR3
Write Signal
Output
Low
VDDIOM
NRD
Read Signal
Output
Low
VDDIOM
NWE
Write Enable
Output
Low
VDDIOM
NBS0 - NBS3
Byte Mask Signal
Output
Low
VDDIOM
Table 3-1.
Signal Description List (Continued)
Signal Name
Function
Type
Active
Level
Reference
Voltage
Comments


Similar Part No. - AT91SAM9XE128_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM9XE128-CU ATMEL-AT91SAM9XE128-CU Datasheet
1Mb / 50P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128-CU ATMEL-AT91SAM9XE128-CU Datasheet
13Mb / 866P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128-CU ATMEL-AT91SAM9XE128-CU Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128-QU ATMEL-AT91SAM9XE128-QU Datasheet
1Mb / 50P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128-QU ATMEL-AT91SAM9XE128-QU Datasheet
13Mb / 866P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91SAM9XE128_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com