Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC6075A Datasheet(PDF) 4 Page - Motorola, Inc

Part # MAC6075A
Description  TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC6075A Datasheet(HTML) 4 Page - Motorola, Inc

  MAC6075A Datasheet HTML 1Page - Motorola, Inc MAC6075A Datasheet HTML 2Page - Motorola, Inc MAC6075A Datasheet HTML 3Page - Motorola, Inc MAC6075A Datasheet HTML 4Page - Motorola, Inc MAC6075A Datasheet HTML 5Page - Motorola, Inc MAC6075A Datasheet HTML 6Page - Motorola, Inc MAC6075A Datasheet HTML 7Page - Motorola, Inc MAC6075A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC6071A,B MAC6073A,B MAC6075A,B
4
Motorola Thyristor Device Data
Figure 1. RMS Current Derating
Figure 2. Maximum On–State Power
Dissipation
Figure 3. On–State Characteristics
Figure 4. Transient Thermal Response
Figure 5. Typical Holding Current versus
Junction Temperature
Figure 6. Typical Latching Current versus
Junction Temperature (MAC6075B)
α
α
α = CONDUCTION ANGLE
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
0
110
105
100
95
90
85
IT(RMS), RMS ON–STATE CURRENT (AMPS)
α
α
α = CONDUCTION ANGLE
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
0
7.0
6.0
5.0
4.0
3.0
2.0
IT(RMS), RMS ON–STATE CURRENT (AMPS)
1.0
0
2.5
3.0
3.5
4.0
0.5
1.0
1.5
2.0
4.5
100
10
1.0
0.1
0.01
VT, INSTANTANEOUS ON–STATE VOLTAGE (VOLTS)
0.1
1.0
10
100
10
t, TIME (ms)
1.0
0.1
5.0
1
S103
1
S104
40
60
80
–40
–20
0
20
100
2.0
1.5
1.0
0.5
0
TJ, JUNCTION TEMPERATURE (°C)
110
2.5
40
60
80
–40
–20
0
20
100
4.0
3.0
2.0
1.0
0
TJ, JUNCTION TEMPERATURE (°C)
110
5.0
8.0
7.0
6.0
9.0
Q2 IG = 8 mA
Q4 IG = 15 mA
Q3 IG = 8 mA
Q1 IG = 8 mA
T = 30°
60
°
90
°
DC
180
°
120
°
T = 30°
60
°
90
°
DC
180
°
120
°
TYPICAL @ TJ = 25°C
MAXIMUM @ TJ = 25°C
MAXIMUM @ TJ = 110°C
MAXIMUM
MT2 NEGATIVE
MT2 POSITIVE


Similar Part No. - MAC6075A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MAC6075C DIGITRON-MAC6075C Datasheet
721Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC6075A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6071 MOTOROLA-2N6071 Datasheet
118Kb / 6P
   TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
T2322 MOTOROLA-T2322 Datasheet
79Kb / 4P
   SENSITIVE GATE TRIACs 2.5 AMPERES RMS 200 thru 600 VOLTS
MAC4DCM MOTOROLA-MAC4DCM Datasheet
156Kb / 8P
   TRIACS 4.0 AMPERES RMS 600 thru 800 VOLTS
MAC250 MOTOROLA-MAC250 Datasheet
87Kb / 2P
   TRIACS 15 AMPERES RMS 200 THRU 800 VOLTS
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
   TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC218 MOTOROLA-MAC218 Datasheet
86Kb / 4P
   TRIACs 8 AMPERES RMS 200 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
T2500 MOTOROLA-T2500 Datasheet
69Kb / 4P
   TRIACs 6 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
   TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com