Selected language     English  â–¼


Q-60B Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part No. Q-60B
Description  60W Quad Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RSG [RSG Electronic Components GmbH]
Homepage  http://www.rsg-electronic.de
Logo 

   
 2 page
background image
MechanicalSpecification
DeratingCurve
StaticCharacteristics
FileName:Q-60-SPEC 2007-03-15
CaseNo.901Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
60
80
100
120
140
160
180
200
220
240
260
300
5.2
13
250
5.0
12
200
4.8
11
150
4.6
10
100
4.4
9
50
4.2
8
25
4.0
7
Ta=25
-10
-10
0
0
10
20
30
40
50
45
60
55
(VERTICAL)
(HORIZONTAL)
20
40
60
80
100
TerminalPinNo. Assignment
PinNo.
PinNo.
PinNo.
1
4
7
3
2
5
8
6
Assignment
Assignment
Assignment
DCOUTPUT -V1
DCOUTPUT COM
DCOUTPUT -V2
DCOUTPUT +V2
DCOUTPUT +V1
FG
AC/N
AC/L
-12V
+5V
-5V
+12V
+12V
+5V
-5V
-12V
8
7
6
5
4
3
2
1
4.5
4.5
3.5
152.5
2-M
3
150
6.5
78
24
159
22
117
3-M
3
60WQuadOutputSwitchingPowerSupply
Q - 6 0 series
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH â–  Sprendlinger Landstr. 115 â–  D-63069 Offenbach/Germany
Tel. +49 69 984047-0 â–  Fax +49 69 984047-77 â–  info@rsg-electronic.de â– 
www.rsg-electronic.de
Ă„nderungen vorbehalten / subject to change without notice
â– 




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl