Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PU150-30B Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # PU150-30B
Description  150 WATT SWITCHING POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU150-30B Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  PU150-30B Datasheet HTML 1Page - RSG Electronic Components GmbH PU150-30B Datasheet HTML 2Page - RSG Electronic Components GmbH PU150-30B Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AUTORANGING INPUT
PU150 SERIES
PIN CHART
Single Output Models
P1
P2
P3
CONN
PIN
MODEL
1
2
3
1
2
1
2
3
PU150-10
AC
NEUTRAL
AC
LIVE
AC
GROUND
COM.
RET.
OUTPUT #1
PFD
N.C.
COM.
RET.
PU150-12
PU150-13-1
PU150-16
PU150-18
PU150-13
PU150-14
PU150-17
AC
NEUTRAL
AC
LIVE
AC
GROUND
COM.
RET.
OUTPUT #1
N.C.
N.C.
N.C.
P4
CONN
PIN
MODEL
1
2
3
4
5
6
7
8
PU150-10
PU150-13
PU150-14
PU150-17
PU150-12
PU150-13-1
PU150-16
PU150-18
COM
RET
INHIBIT
-Ve
INHIBIT
+Ve
N.C.
N.C.
COM. RET.
-SENSE
+SENSE
CURRENT
SHARE
Multiple Output Models
P1
P2
P3
CONN
MODEL
PIN
1
2
3
1
2
1
2
3
4
5,6,7
8,9
PU150-23
PU150-25
PU150-24
AC
NEUTRAL
AC
LIVE
AC
GROUND
COM.
RET.
OUTPUT
#1
N.C.
N.C.
PFD
N.C.
COM.
RET.
OUTPUT
#2
PU150-30
PU150-32
PU150-31
PU150-33
AC
NEUTRAL
AC
LIVE
AC
GROUND
COM.
RET.
OUTPUT
#1
N.C.
N.C.
PFD
OUTPUT
#3
COM.
RET.
OUTPUT
#2
PU150-40
PU150-42
PU150-45
PU150-41
PU150-44
AC
NEUTRAL
AC
LIVE
AC
GROUND
COM.
RET.
OUTPUT
#1
OUTPUT #4
RETURN
OUTPUT
#4
PFD
OUTPUT
#3
COM.
RET.
OUTPUT
#2
P4
CONN
PIN
MODEL
1
2
3
4
5
6
7
8
PU150-23
PU150-31
PU150-42
PU150-45
PU150-30
PU150-40
PU150-44
INHIBIT
-Ve
INHIBIT
+Ve
+12V
(FAN)
N.C.
COM
RET.
-SENSE
+SENSE
CURRENT
SHARE
PU150-24
PU150-33
PU150-32
PU150-41
INHIBIT
-Ve
INHIBIT
+Ve
+15V
(FAN)
N.C.
COM.
RET.
-SENSE
+SENSE
CURRENT
SHARE
PU150-25
INHIBIT
-Ve
INHIBIT
+Ve
+24V
(FAN)
N.C.
COM.
RET.
-SENSE
+SENSE
CURRENT
SHARE
1-13


Similar Part No. - PU150-30B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU150-30B TRUMPOWER-PU150-30B Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU150-30B

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
US150 ASTRODYNE-US150_16 Datasheet
162Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
US150 ASTRODYNE-US150 Datasheet
592Kb / 3P
   Enclosed 150 Watt Switching Power Supplies
MK150S ASTRODYNE-MK150S Datasheet
560Kb / 3P
   Compact 150 Watt Enclosed Switching Power Supplies
MK150 ASTRODYNE-MK150 Datasheet
258Kb / 4P
   Compact 150 Watt Enclosed Switching Power Supplies
MMK150S ASTRODYNE-MMK150S Datasheet
580Kb / 3P
   Medical Grade 150 Watt Enclosed Switching Power Supplies
logo
Tumbler Technologies + ...
TM201 TRUMPOWER-TM201 Datasheet
335Kb / 3P
   150- 200 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com