Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # QP-375
Description  375W Quad Output with PFC Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

QP-375 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  QP-375 Datasheet HTML 1Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 2Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 3Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 4Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 5Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 6Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER(max.)
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.7
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
REMOTECONTROL
POWERGOOD/POWERFAIL(OPTIONAL)
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
800ms,50msatfullload
36msatfullload
85~264VAC120~370VDC
47~63Hz
PF>0.95/230VACPF>0.98/115VACatfullload
78%
78%
6A/115VAC3A/230VAC
COLDSTART 45A
<2mA /240VAC
105~135% ratedoutputpower
CH1:5.75~6.75V
UL60950-1, TUVEN60950-1 Approved
-10~+60
(Refertooutputloadderatingcurve)
10ms/1ms
RC+/RC-:0~0.8VPOWERON;4V~10VPOWEROFF
20~90%RHnon-condensing
-20~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes
75.9Khrsmin.MIL-HDBK-217F(25
)
280*127*63.5mm(L*W*H)
2.4Kg;6pcs/14.8Kg/1.45CUFT
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
Complianceto
EN55024,Lightindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11;ENV50204,
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
375WQuadOutputwithPFCFunction
Universal AC input / Full range
Built-in active PFC function, PF>0.95
Protections:Short circuit / Overload / Over voltage / Over temperature
Forced air cooling by built-in DC fan
CH3,4 are isolated from other outputs and the polarity can be reversed
No minimum load requirement for CH2,3,4
All output can be adjustable from -5~+10%
With power good and fail signal output
Built-in remote ON-OFF control
Fixed switching frequency at 100KHz
3 years warranty
Features:
Q P - 3 7 5 series
ENVIRONMENT
SAFETY &
FUNCTION
EMC
(Note5)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
QP-375-5D
QP-375-5E
+5V
CH1
CH1
+5V
+12V
CH2
CH2
12V
CH3
CH3
24V
CH4
CH4
+12V
24V
24V
30A
30A
9A
4A
3A
9A
3A
2A
3.5~40A
3.5~40A
0~16A
0~6A
0~3A
0~16A
0~4A
0~3A
378W
378W
100mVp-p
4.75~5.5V
4.75~5.5V
120mVp-p
11.4~13.2V
11.4~13.2V
120mVp-p
11.4~13.2V
240mVp-p
22.8~26.4V
22.8~26.4V
22.8~26.4V
120mVp-p
120mVp-p
240mVp-p
100mVp-p
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
1.0%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
0.8%
0.8%
0.8%
0.8%
0.8%
0.8%
0.8%
0.8%
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
INPUT
OVERTEMPERATURE
80
5
(TSW1):DetectonheatsinkofQ1,Q2powertransistor)
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
FileName:QP-375-SPEC2007-04-11
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Peak current can not exceed 60 sec.
6. Isolated CH3 & CH4 maybe series connected or can be used as positive or negative outputs.
7. Derating may be needed under low input voltages. Please check the derating curve for more details.
OUTPUTNUMBER
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
..
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - QP-375

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375 Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375-24B TOTAL-POWER-QP-375-24B Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
More results

Similar Description - QP-375

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_11 Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_10 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com