Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QP-375 Datasheet(PDF) 6 Page - RSG Electronic Components GmbH

Part # QP-375
Description  375W Quad Output with PFC Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

QP-375 Datasheet(HTML) 6 Page - RSG Electronic Components GmbH

  QP-375 Datasheet HTML 1Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 2Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 3Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 4Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 5Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 6Page - RSG Electronic Components GmbH QP-375 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
(HORIZONTAL)
MechanicalSpecification
DeratingCurve
OutputDeratingVSInputVoltage
Unit:mm
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(VAC)60Hz
85
95
105
115
125
135
180
264
230
20
40
60
80
100
-10
0
10
20
30
40
50
60
ACInput Terminal
PinNo. Assignment
PinNo.
1
3
2
Assignment
FG
AC/N
AC/L
DCOutput TerminalPinNo. Assignment
PinNo.
PinNo.
1,2
8
3,4,5
9
6
10
7
Assignment
Assignment
+V1
-V3
COM(V1andV2)
+V4
+V2
-V4
+V3
80CFM
CN62
1
6
6-
3.2
7
10
8
9
2
6
5
3
4
1
TB2
LED
+V4 ADJ.
+V3 ADJ.
+V2 ADJ.
+V1 ADJ.
3
2
1
TB1
FS1
T6.3A/250V
5
240
158
250
90
100
80
70
60
50
40
375WQuadOutputwithPFCFunction
Q P - 3 7 5 P series
FileName:QP-375P-SPEC2007-04-11
CN62PinNo. Assignment:JST S6B-XH orequivalent
MatingHousing
PinNo.
1
2
3
4
5
6
Terminal
Assignment
PF(Powergood/Failsignal)
GND
RS-
RS+
RC-
RC+
JST XHP
orequivalent
JST SXH-001T-P0.6
orequivalent
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - QP-375

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375 Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375-24B TOTAL-POWER-QP-375-24B Datasheet
150Kb / 5P
   SWITCHING POWER SUPPLY ISO-9001 CERTIFIED MANUFACTURER
More results

Similar Description - QP-375

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
QP375 ASTRODYNE-QP375 Datasheet
2Mb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_11 Datasheet
786Kb / 7P
   375W Quad Output with PFC Function
logo
Total Power Internation...
QP-375 TOTAL-POWER-QP-375_17 Datasheet
994Kb / 7P
   375W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-375 ASTRODYNE-QP-375 Datasheet
530Kb / 6P
   375W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-375 MEANWELL-QP-375_10 Datasheet
777Kb / 7P
   375W Quad Output with PFC Function
QP-375 MEANWELL-QP-375 Datasheet
770Kb / 7P
   375W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-150 MEANWELL-QP-150_10 Datasheet
770Kb / 5P
   150W Quad Output with PFC Function
QP-320 MEANWELL-QP-320_10 Datasheet
256Kb / 2P
   320W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-200 ASTRODYNE-QP-200 Datasheet
451Kb / 4P
   200W Quad Output with PFC Function
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com